Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC-HCT04 Datasheet (PDF) - SYC Electronica

74HC-HCT04 Datasheet PDF - SYC Electronica
Part # 74HC-HCT04
Download  74HC-HCT04 Download
File Size   146.08 Kbytes
Page   20 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description Hex inverter

74HC-HCT04 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC-HCT04 Datasheet PDF - SYC Electronica

Part # 74HC-HCT04
Download  74HC-HCT04 Click to download

File Size   146.08 Kbytes
Page   20 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description Hex inverter

74HC-HCT04 Datasheet (HTML) - SYC Electronica


74HC-HCT04 Product details

FEATURES
· Complies with JEDEC standard no. 8-1A
· ESD protection:
HBM EIA/JESD22-A114-A exceeds 2000 V
MM EIA/JESD22-A115-A exceeds 200 V.
· Specified from -40 to +85 °C and -40 to +125 °C.

DESCRIPTION
The 74HC/HCT04 are high-speed Si-gate CMOS devices
and are pin compatible with low power Schottky TTL
(LSTTL). They are specified in compliance with JEDEC
standard no. 7A. The 74HC/HCT04 provide six inverting
buffers.




Similar Part No. - 74HC-HCT04

ManufacturerPart #DatasheetDescription
logo
SYC Electronica
74HC-HCT00 SYC-74HC-HCT00 Datasheet
182Kb / 15P
Quad 2-input NAND gate
January 2010
74HC-HCT02 SYC-74HC-HCT02 Datasheet
121Kb / 15P
Quad 2-input NOR gate
18 September 2008
74HC-HCT08 SYC-74HC-HCT08 Datasheet
145Kb / 20P
Quad 2-input AND gate
2003 Jul 25
More results


Similar Description - 74HC-HCT04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
Hex inverter
1991 Feb 08
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
Hex inverter
2003 Jul 23
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
Hex inverter
1997 Jun 30
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
HEX INVERTER
Jun-1989
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
Hex Inverter
74F04 FAIRCHILD-74F04 Datasheet
48Kb / 4P
Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
Hex Inverter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com