Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC-HCT08 Datasheet (PDF) - SYC Electronica

74HC-HCT08 Datasheet PDF - SYC Electronica
Part # 74HC-HCT08
Download  74HC-HCT08 Download
File Size   145.98 Kbytes
Page   20 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description Quad 2-input AND gate

74HC-HCT08 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC-HCT08 Datasheet PDF - SYC Electronica

Part # 74HC-HCT08
Download  74HC-HCT08 Click to download

File Size   145.98 Kbytes
Page   20 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description Quad 2-input AND gate

74HC-HCT08 Datasheet (HTML) - SYC Electronica


74HC-HCT08 Product details

FEATURES
· Complies with JEDEC standard no. 8-1A
· ESD protection:
HBM EIA/JESD22-A114-A exceeds 2000 V
MM EIA/JESD22-A115-A exceeds 200 V.
· Specified from -40 to +85 °C and -40 to +125 °C.

DESCRIPTION
The 74HC/HCT08 are high-speed Si-gate CMOS devices
and are pin compatible with low power Schottky TTL
(LSTTL). They are specified in compliance with JEDEC
standard no. 7A. The 74HC/HCT08 provide the 2-input
AND function.




Similar Part No. - 74HC-HCT08

ManufacturerPart #DatasheetDescription
logo
SYC Electronica
74HC-HCT00 SYC-74HC-HCT00 Datasheet
182Kb / 15P
Quad 2-input NAND gate
January 2010
74HC-HCT02 SYC-74HC-HCT02 Datasheet
121Kb / 15P
Quad 2-input NOR gate
18 September 2008
74HC-HCT04 SYC-74HC-HCT04 Datasheet
146Kb / 20P
Hex inverter
More results


Similar Description - 74HC-HCT08

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS09 MOTOROLA-SN54LS09 Datasheet
44Kb / 2P
QUAD 2-INPUT AND GATE
logo
National Semiconductor ...
54F08DM NSC-54F08DM Datasheet
108Kb / 8P
Quad 2-Input AND Gate
logo
ON Semiconductor
MC74VHCT08A ONSEMI-MC74VHCT08A Datasheet
143Kb / 8P
Quad 2-Input AND Gate
1999 REV 0
logo
STMicroelectronics
M54HCT08 STMICROELECTRONICS-M54HCT08 Datasheet
231Kb / 9P
QUAD 2-INPUT AND GATE
Feb-1993
M74HC08 STMICROELECTRONICS-M74HC08 Datasheet
171Kb / 8P
QUAD 2-INPUT AND GATE
Jul-2001
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
QUAD 2-INPUT AND GATE
logo
Rohm
BU4081B ROHM-BU4081B Datasheet
50Kb / 4P
Quad 2-input AND gate
logo
Fairchild Semiconductor
74F08 FAIRCHILD-74F08_00 Datasheet
64Kb / 5P
Quad 2-Input AND Gate
logo
STMicroelectronics
74VHCT08A STMICROELECTRONICS-74VHCT08A_04 Datasheet
217Kb / 11P
QUAD 2-INPUT AND GATE
16-Dec-2004
logo
IK Semicon Co., Ltd
IN74VHCT08 IKSEMICON-IN74VHCT08 Datasheet
254Kb / 6P
Quad 2-Input AND Gate
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com