Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3K119TU Datasheet (PDF) - Toshiba Semiconductor

SSM3K119TU Datasheet PDF - Toshiba Semiconductor
Part # SSM3K119TU
Download  SSM3K119TU Download
File Size   133.0 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Silicon N Channel MOS Type Power Management Switch Applications

SSM3K119TU Datasheet (PDF)

Go To PDF Page Download Datasheet
SSM3K119TU Datasheet PDF - Toshiba Semiconductor

Part # SSM3K119TU
Download  SSM3K119TU Click to download

File Size   133.0 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Silicon N Channel MOS Type Power Management Switch Applications

SSM3K119TU Datasheet (HTML) - Toshiba Semiconductor


SSM3K119TU Product details

Power Management Switch Applications
High Speed Switching Applications

• 1.8 V drive
• Low ON-resistance: Ron = 134 mΩ (max) (@VGS = 1.8V)
                                   Ron = 90 mΩ (max) (@VGS = 2.5V)
                                   Ron = 74 mΩ (max) (@VGS = 4.0V)




Similar Part No. - SSM3K119TU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3K119TU TOSHIBA-SSM3K119TU Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
SSM3K119TU TOSHIBA-SSM3K119TU_14 Datasheet
164Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
More results


Similar Description - SSM3K119TU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK1365 TOSHIBA-2SK1365_06 Datasheet
765Kb / 6P
Silicon N Channel MOS Type Switching Power Supply Applications
2SK3309 TOSHIBA-2SK3309_06 Datasheet
220Kb / 6P
Silicon N Channel MOS Type Switching Regulator Applications
2SK3374 TOSHIBA-2SK3374_06 Datasheet
187Kb / 6P
Silicon N Channel MOS Type Switching Regulator Applications
2SK3407 TOSHIBA-2SK3407_06 Datasheet
192Kb / 6P
Silicon N Channel MOS Type Switching Regulator Applications
SSM3J109TU TOSHIBA-SSM3J109TU Datasheet
201Kb / 5P
Field-Effect Transistor Silicon P-Channel MOS Type Power Management Switch Applications High-Speed Switching Applications
SSM3J115TU TOSHIBA-SSM3J115TU Datasheet
139Kb / 6P
Field-Effect Transistor Silicon P-Channel MOS Type High-Speed Switching Applications Power Management Switch Applications
SSM3J120TU TOSHIBA-SSM3J120TU Datasheet
198Kb / 6P
Field Effect Transistor Silicon P Channel MOS Type Power Management Switch Applications High-Current Switching Applications
SSM3J304T TOSHIBA-SSM3J304T Datasheet
238Kb / 6P
Field-Effect Transistor Silicon P-Channel MOS Type Power Management Switch Applications High-Speed Switching Applications
SSM3K121TU TOSHIBA-SSM3K121TU Datasheet
161Kb / 6P
Silicon N-Channel MOS Type Power Management Switch Applications
SSM3K301T TOSHIBA-SSM3K301T Datasheet
192Kb / 6P
Silicon N-Channel MOS Type Power Management Switch Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com