Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0803672 Datasheet (PDF) - PHOENIX CONTACT

0803672 Datasheet PDF - PHOENIX CONTACT
Part # 0803672
Download  0803672 Download
File Size   185.65 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description TMP/EXT.POWER-SUPPLY 100-240V - Power supply unit

0803672 Datasheet (PDF)

Go To PDF Page Download Datasheet
0803672 Datasheet PDF - PHOENIX CONTACT

Part # 0803672
Download  0803672 Click to download

File Size   185.65 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description TMP/EXT.POWER-SUPPLY 100-240V - Power supply unit

0803672 Datasheet (HTML) - PHOENIX CONTACT


0803672 Product details

Replacement power supply for THERMOMARK PRIME, input voltage at 100 V AC to 240 V AC /
1.5 A / 50 Hz to 60 Hz, output voltage at 24 V DC / 4.16 A




Similar Part No. - 0803672

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803670 PHOENIX-0803670 Datasheet
178Kb / 4P
TMP/CHARGER - Charger
0803671 PHOENIX-0803671 Datasheet
178Kb / 4P
TMP/CHARGER CABLE VEHICLE 12V - Cable
0803674 PHOENIX-0803674 Datasheet
52Kb / 2P
Transport bag - TMP BAG
09/11/2020
0803675 PHOENIX-0803675 Datasheet
51Kb / 2P
Case - TMP CASE
09/11/2020
0803676 PHOENIX-0803676 Datasheet
65Kb / 4P
Label sheet, DIN A4 - BMKL 27X12,5 SR
More results


Similar Description - 0803672

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
76002058 ETC2-76002058 Datasheet
191Kb / 1P
XLR PRO Power Supply, Wall 100-240V,XLR PRO Power Supply, Wall 100-240V,
logo
STMicroelectronics
L6491 STMICROELECTRONICS-L6491 Datasheet
844Kb / 24P
Power supply unit
11-Mar-2015
logo
Festo Corporation.
2247681 FESTO-2247681 Datasheet
73Kb / 1P
Power supply unit
2247682 FESTO-2247682 Datasheet
75Kb / 1P
Power supply unit
2247684 FESTO-2247684 Datasheet
92Kb / 1P
Power supply unit
2247685 FESTO-2247685 Datasheet
96Kb / 1P
Power supply unit
8149581 FESTO-8149581 Datasheet
78Kb / 1P
Power supply unit
logo
PHOENIX CONTACT
108830 PHOENIX-108830 Datasheet
356Kb / 29P
Power supply unit
2019-04-09
103126 PHOENIX-103126 Datasheet
352Kb / 17P
Power supply unit
2015-08-28
103133 PHOENIX-103133 Datasheet
511Kb / 20P
Power supply unit
2016-09-15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com