Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0803672 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803672
Description  TMP/EXT.POWER-SUPPLY 100-240V - Power supply unit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803672 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803672 Datasheet HTML 1Page - PHOENIX CONTACT 0803672 Datasheet HTML 2Page - PHOENIX CONTACT 0803672 Datasheet HTML 3Page - PHOENIX CONTACT 0803672 Datasheet HTML 4Page - PHOENIX CONTACT 0803672 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Replacement power supply for THERMOMARK PRIME, input voltage at 100 V AC to 240 V AC /
1.5 A / 50 Hz to 60 Hz, output voltage at 24 V DC / 4.16 A
Commercial data
Item number
0803672
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
BG03
Product key
BG122Z
Catalog page
Page 34 (C-3-2019)
GTIN
4055626247779
Weight per piece (including packing)
1,084.5 g
Weight per piece (excluding packing)
1,084.5 g
Customs tariff number
85044083
Country of origin
DE
TMP/EXT.POWER-SUPPLY 100-240V - Power supply
unit
0803672
https://www.phoenixcontact.com/us/products/0803672
Apr 24, 2025, 6:44AM
Page 1 (5)


Similar Part No. - 0803672

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803670 PHOENIX-0803670 Datasheet
178Kb / 4P
TMP/CHARGER - Charger
0803671 PHOENIX-0803671 Datasheet
178Kb / 4P
TMP/CHARGER CABLE VEHICLE 12V - Cable
0803674 PHOENIX-0803674 Datasheet
52Kb / 2P
Transport bag - TMP BAG
09/11/2020
0803675 PHOENIX-0803675 Datasheet
51Kb / 2P
Case - TMP CASE
09/11/2020
0803676 PHOENIX-0803676 Datasheet
65Kb / 4P
Label sheet, DIN A4 - BMKL 27X12,5 SR
More results

Similar Description - 0803672

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
76002058 ETC2-76002058 Datasheet
191Kb / 1P
XLR PRO Power Supply, Wall 100-240V,XLR PRO Power Supply, Wall 100-240V,
logo
STMicroelectronics
L6491 STMICROELECTRONICS-L6491 Datasheet
844Kb / 24P
Power supply unit
11-Mar-2015
logo
Festo Corporation.
2247681 FESTO-2247681 Datasheet
73Kb / 1P
Power supply unit
2247682 FESTO-2247682 Datasheet
75Kb / 1P
Power supply unit
2247684 FESTO-2247684 Datasheet
92Kb / 1P
Power supply unit
2247685 FESTO-2247685 Datasheet
96Kb / 1P
Power supply unit
8149581 FESTO-8149581 Datasheet
78Kb / 1P
Power supply unit
logo
PHOENIX CONTACT
108830 PHOENIX-108830 Datasheet
356Kb / 29P
Power supply unit
2019-04-09
103126 PHOENIX-103126 Datasheet
352Kb / 17P
Power supply unit
2015-08-28
103133 PHOENIX-103133 Datasheet
511Kb / 20P
Power supply unit
2016-09-15
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com