Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0809955 Datasheet (PDF) - PHOENIX CONTACT

0809955 Datasheet PDF - PHOENIX CONTACT
Part # 0809955
Download  0809955 Download
File Size   181.03 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ZBF 7,5,LGS:FORTL.ZAHLEN - Zack Marker strip, flat

0809955 Datasheet (PDF)

Go To PDF Page Download Datasheet
0809955 Datasheet PDF - PHOENIX CONTACT

Part # 0809955
Download  0809955 Click to download

File Size   181.03 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ZBF 7,5,LGS:FORTL.ZAHLEN - Zack Marker strip, flat

0809955 Datasheet (HTML) - PHOENIX CONTACT


0809955 Product details

Zack Marker strip, flat, Strip, white, labeled, printed horizontally: consecutive numbers 1 ... 10, 11
... 20, etc. up to 91 ... 100, mounting type: latching, for terminal block width: 7.5 mm, Number of
individual labels: 10, text field height: 7.4 mm, text field width: 5.15 mm




Similar Part No. - 0809955

ManufacturerPart #DatasheetDescription
logo
Littelfuse
08099500 LITTELFUSE-08099500 Datasheet
586Kb / 2P
250A/350A Manual battery master switch with removable or fixed handle. Available with weather protective boots
More results


Similar Description - 0809955

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0808626-0051 PHOENIX-0808626-0051 Datasheet
50Kb / 2P
Zack marker strip - ZBF 4,LGS:FORTL.ZAHLEN 51-60
0808671-0071 PHOENIX-0808671-0071 Datasheet
51Kb / 2P
Zack marker strip - ZBF 5,LGS:FORTL.ZAHLEN 71-80
0808671-0081 PHOENIX-0808671-0081 Datasheet
51Kb / 2P
Zack marker strip - ZBF 5,LGS:FORTL.ZAHLEN 81-90
0808671-0091 PHOENIX-0808671-0091 Datasheet
51Kb / 2P
Zack marker strip - ZBF 5,LGS:FORTL.ZAHLEN 91-100
0808671-0151 PHOENIX-0808671-0151 Datasheet
51Kb / 2P
Zack marker strip - ZBF 5,LGS:FORTL.ZAHLEN 151-160
0808671-0161 PHOENIX-0808671-0161 Datasheet
51Kb / 2P
Zack marker strip - ZBF 5,LGS:FORTL.ZAHLEN 161-170
0808749-0021 PHOENIX-0808749-0021 Datasheet
54Kb / 2P
Zack marker strip - ZBF 6,LGS:FORTL.ZAHLEN 21-30
0808749-0031 PHOENIX-0808749-0031 Datasheet
54Kb / 2P
Zack marker strip - ZBF 6,LGS:FORTL.ZAHLEN 31-40
0808749-0051 PHOENIX-0808749-0051 Datasheet
54Kb / 2P
Zack marker strip - ZBF 6,LGS:FORTL.ZAHLEN 51-60
0809942 PHOENIX-0809942 Datasheet
66Kb / 4P
Zack Marker strip, flat - ZBF 7,5:UNBEDRUCKT
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com