Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0809955 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0809955
Description  ZBF 7,5,LGS:FORTL.ZAHLEN - Zack Marker strip, flat
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0809955 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0809955 Datasheet HTML 1Page - PHOENIX CONTACT 0809955 Datasheet HTML 2Page - PHOENIX CONTACT 0809955 Datasheet HTML 3Page - PHOENIX CONTACT 0809955 Datasheet HTML 4Page - PHOENIX CONTACT 0809955 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Zack Marker strip, flat, Strip, white, labeled, printed horizontally: consecutive numbers 1 ... 10, 11
... 20, etc. up to 91 ... 100, mounting type: latching, for terminal block width: 7.5 mm, Number of
individual labels: 10, text field height: 7.4 mm, text field width: 5.15 mm
Your advantages
The ZBF zack marker strip system with flat marker groove is a marking solution for modular terminal blocks and electronics modules
•
Other pitches available on request
•
The multi-section marking strips are easy to fit and can be easily separated if required
•
Commercial data
Item number
0809955
Packing unit
10 pc
Minimum order quantity
10 pc
Sales key
NULL
Product key
BG2122
Catalog page
Page 128 (C-3-2019)
Weight per piece (including packing)
0.67 MGM
Weight per piece (excluding packing)
0.66 MGM
Customs tariff number
49119900
Country of origin
DE
ZBF 7,5,LGS:FORTL.ZAHLEN - Zack Marker strip, flat
0809955
https://www.phoenixcontact.com/us/products/0809955
Apr 24, 2025, 7:05AM
Page 1 (5)


Similar Part No. - 0809955

ManufacturerPart #DatasheetDescription
logo
Littelfuse
08099500 LITTELFUSE-08099500 Datasheet
586Kb / 2P
250A/350A Manual battery master switch with removable or fixed handle. Available with weather protective boots
More results

Similar Description - 0809955

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0808626-0051 PHOENIX-0808626-0051 Datasheet
50Kb / 2P
Zack marker strip - ZBF 4,LGS:FORTL.ZAHLEN 51-60
0808671-0071 PHOENIX-0808671-0071 Datasheet
51Kb / 2P
Zack marker strip - ZBF 5,LGS:FORTL.ZAHLEN 71-80
0808671-0081 PHOENIX-0808671-0081 Datasheet
51Kb / 2P
Zack marker strip - ZBF 5,LGS:FORTL.ZAHLEN 81-90
0808671-0091 PHOENIX-0808671-0091 Datasheet
51Kb / 2P
Zack marker strip - ZBF 5,LGS:FORTL.ZAHLEN 91-100
0808671-0151 PHOENIX-0808671-0151 Datasheet
51Kb / 2P
Zack marker strip - ZBF 5,LGS:FORTL.ZAHLEN 151-160
0808671-0161 PHOENIX-0808671-0161 Datasheet
51Kb / 2P
Zack marker strip - ZBF 5,LGS:FORTL.ZAHLEN 161-170
0808749-0021 PHOENIX-0808749-0021 Datasheet
54Kb / 2P
Zack marker strip - ZBF 6,LGS:FORTL.ZAHLEN 21-30
0808749-0031 PHOENIX-0808749-0031 Datasheet
54Kb / 2P
Zack marker strip - ZBF 6,LGS:FORTL.ZAHLEN 31-40
0808749-0051 PHOENIX-0808749-0051 Datasheet
54Kb / 2P
Zack marker strip - ZBF 6,LGS:FORTL.ZAHLEN 51-60
0809942 PHOENIX-0809942 Datasheet
66Kb / 4P
Zack Marker strip, flat - ZBF 7,5:UNBEDRUCKT
09/11/2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com