Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC105 Datasheet (PDF) - Campbell Scientific United Kingdom

SC105 Datasheet PDF - Campbell Scientific United Kingdom
Part # SC105
Download  SC105 Download
File Size   522.79 Kbytes
Page   2 Pages
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom
Description CS I/O to 9-Pin RS-232 DCE Synchronous Interface

SC105 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC105 Datasheet PDF - Campbell Scientific United Kingdom

Part # SC105
Download  SC105 Click to download

File Size   522.79 Kbytes
Page   2 Pages
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom
Description CS I/O to 9-Pin RS-232 DCE Synchronous Interface

SC105 Datasheet (HTML) - Campbell Scientific United Kingdom


SC105 Product details

Benefits and Features
Supports communication between a data logger and an RS-232 DCE device
Communicates at baud rates up to 115.2 kbps
Provides internal buffering capability to ensure no data is lost during transmission
Data logger can operate at a different baud rate than the DCE device
No power source needed—powered by the datalogger and computer
Compatible with most Campbell Scientific data loggers
Helps protect components from electrical damage
Ships with cables needed for most uses

Technical Description
The SC105 provides internal buffering that temporarily stores data. This buffering allows the data logger and DCE device to operate at different baud rates by storing the data received from the faster device until the slower device is ready to receive it. Internal buffering also ensures that no data is lost during transmission.




Similar Part No. - SC105

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SC105 IRF-SC105 Datasheet
99Kb / 5P
SCHOTTKY DIE 105 x 125 mils
logo
Bel Fuse Inc.
SC105 BEL-SC105 Datasheet
914Kb / 1P
SMD POWER INDUCTORS Open frame construction
logo
ZKTECO CO., LTD. All ri...
SC105 ZKTECO-SC105 Datasheet
411Kb / 2P
Color TFT & Graphical UI RFID Access Control Terminal
V2.1 12/29/2023
logo
Bel Fuse Inc.
SC105-100 BEL-SC105-100 Datasheet
914Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC105-101 BEL-SC105-101 Datasheet
914Kb / 1P
SMD POWER INDUCTORS Open frame construction
More results


Similar Description - SC105

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX212 MAXIM-MAX212 Datasheet
132Kb / 12P
Programmable DTE/DCE, 5V RS-232 Transceiver
19-0199; Rev 1; 8/95
logo
List of Unclassifed Man...
232CL9R ETC-232CL9R Datasheet
95Kb / 2P
9 Pin RS-232 to Current Loop Converter
logo
MPS Industries, Inc.
M6201 MPSIND-M6201 Datasheet
164Kb / 1P
TRANSFORMER FOR RS-485 / RS-232 INTERFACE
logo
Intersil Corporation
ICL3222ECV INTERSIL-ICL3222ECV Datasheet
699Kb / 33P
ESD Protection for RS-232 I/O Pins to 5kV (IEC61000)
logo
List of Unclassifed Man...
732A ETC2-732A Datasheet
707Kb / 1P
RS-232 Interface
logo
Laird Tech Smart Techno...
CL2510 LSTD-CL2510 Datasheet
293Kb / 2P
Standard Male DB-9 DCE serial interface
logo
Renesas Technology Corp
ICL3221E RENESAS-ICL3221E Datasheet
1Mb / 33P
ESD Protection for RS-232 I/O Pins to 짹15kV (IEC61000)
logo
WAGO Kontakttechnik Gmb...
753-652 WAGO-753-652 Datasheet
610Kb / 12P
RS-232/485 Serial Interface
logo
Pepperl+Fuchs Inc.
HM-MT-RS232-010001 PF-HM-MT-RS232-010001 Datasheet
398Kb / 2P
Viator RS-232 HART Interface
logo
Advantech Co., Ltd.
BB-232LB9R ADVANTECH-BB-232LB9R Datasheet
348Kb / 1P
RS-232 9-pin Line Booster
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com