Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16209CCCZ Datasheet (PDF) - Analog Devices

ADIS16209CCCZ Datasheet PDF - Analog Devices
Part # ADIS16209CCCZ
Download  ADIS16209CCCZ Download
File Size   286.66 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High-Accuracy, Dual-Axis Digital Inclinometer and Accelerometer

ADIS16209CCCZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADIS16209CCCZ Datasheet PDF - Analog Devices

Part # ADIS16209CCCZ
Download  ADIS16209CCCZ Click to download

File Size   286.66 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High-Accuracy, Dual-Axis Digital Inclinometer and Accelerometer

ADIS16209CCCZ Datasheet (HTML) - Analog Devices


ADIS16209CCCZ Product details

GENERAL DESCRIPTION
The ADIS16209 is a high accuracy, digital inclinometer that accommodates both single-axis (±180°) and dual-axis (±90°) operation. The standard supply voltage (3.3 V) and serial peripheral interface (SPI) enable simple integration into most industrial system designs. A simple internal register structure handles all output data and configuration features. This includes access to the following output data: calibrated acceleration, accurate incline angles, power supply, internal temperature, auxiliary analog and digital input signals, diagnostic error flags, and programmable alarm conditions.

FEATURES
   Dual-mode inclinometer system
      Dual-axis, horizontal operation, ±90°
      Single-axis, vertical operation, ±180°
   High accuracy, 0.1°
   Digital inclination data, 0.025° resolution
   Digital acceleration data, 0.244 mg resolution
   ±1.7 g accelerometer measurement range
   Digital temperature sensor output
   Digitally controlled bias calibration
   Digitally controlled sample rate
   Digitally controlled frequency response
   Dual alarm settings with rate/threshold limits
   Auxiliary digital I/O
   Digitally activated self-test
   Digitally activated low power mode
   SPI-compatible serial interface
   Auxiliary 12-bit ADC input and DAC output
   Single-supply operation: 3.0 V to 3.6 V
   3500 g powered shock survivability

APPLICATIONS
   Platform control, stabilization, and alignment
   Tilt sensing, inclinometers, leveling
   Motion/position measurement
   Monitor/alarm devices (security, medical, safety)
   Navigation




Similar Part No. - ADIS16209CCCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16209 AD-ADIS16209 Datasheet
450Kb / 16P
High-Accuracy, Dual-Axis Digital Inclinometer and Accelerometer
REV. 0
ADIS16209 AD-ADIS16209 Datasheet
1Mb / 12P
Evaluation Board User Guide
REV. B
ADIS16209PCBZ AD-ADIS16209PCBZ Datasheet
1Mb / 12P
Evaluation Board User Guide
REV. B
ADIS16209 AD-ADIS16209_08 Datasheet
450Kb / 16P
High-Accuracy, Dual-Axis Digital Inclinometer and Accelerometer
REV. 0
More results


Similar Description - ADIS16209CCCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16209 AD-ADIS16209_08 Datasheet
450Kb / 16P
High-Accuracy, Dual-Axis Digital Inclinometer and Accelerometer
REV. 0
logo
Freescale Semiconductor...
MMA6222EG FREESCALE-MMA6222EG Datasheet
377Kb / 34P
Digital Dual Axis Micromachined Accelerometer
logo
Analog Devices
ADIS16201 AD-ADIS16201 Datasheet
552Kb / 32P
Programmable Dual-Axis Inclinometer/Accelerometer
REV. C
ADIS16201 AD-ADIS16201_15 Datasheet
552Kb / 32P
Programmable Dual-Axis Inclinometer/Accelerometer
REV. C
logo
TE Connectivity Ltd
DOG2-MEMS TEC-DOG2-MEMS Datasheet
286Kb / 4P
Dual axis inclinometer
DOG2-J1939 TEC-DOG2-J1939 Datasheet
462Kb / 4P
Dual axis inclinometer
DOG2 TEC-DOG2 Datasheet
231Kb / 4P
Dual axis inclinometer
DPG TEC-DPG Datasheet
252Kb / 4P
Dual axis inclinometer
logo
Analog Devices
ADIS16201 AD-ADIS16201_V01 Datasheet
103Kb / 4P
Programmable Dual-Axis Inclinometer/Accelerometer
Rev. A
logo
Murata Manufacturing Co...
SCL3400-D01 MURATA-SCL3400-D01 Datasheet
1Mb / 42P
Digital 2-axis inclinometer
Rev. 4
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com