Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16209CCCZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADIS16209CCCZ
Description  High-Accuracy, Dual-Axis Digital Inclinometer and Accelerometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16209CCCZ Datasheet(HTML) 1 Page - Analog Devices

  ADIS16209CCCZ Datasheet HTML 1Page - Analog Devices ADIS16209CCCZ Datasheet HTML 2Page - Analog Devices ADIS16209CCCZ Datasheet HTML 3Page - Analog Devices ADIS16209CCCZ Datasheet HTML 4Page - Analog Devices ADIS16209CCCZ Datasheet HTML 5Page - Analog Devices ADIS16209CCCZ Datasheet HTML 6Page - Analog Devices ADIS16209CCCZ Datasheet HTML 7Page - Analog Devices ADIS16209CCCZ Datasheet HTML 8Page - Analog Devices ADIS16209CCCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
High-Accuracy, Dual-Axis
Digital Inclinometer and Accelerometer
Preliminary Technical Data
ADIS16209
Rev. PrA
InformationfurnishedbyAnalogDevicesisbelievedtobeaccurateandreliable.However,no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
licenseisgrantedbyimplicationorotherwiseunderanypatentorpatentrightsofAnalogDevices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
Dual-mode inclinometer system
Dual–axis, inclinometer configuration, ±30°
Single-axis, vertical operation, ±180°
High accuracy, 0.1°
14-bit digital inclination data, 0.025° resolution
14-bit digital acceleration data, 0.244 mg resolution
±1.7 g accelerometer measurement range
12-bit digital temperature sensor output
Digitally controlled sensitivity and bias calibration
Digitally controlled sample rate
Digitally controlled frequency response
Dual alarm settings with rate/threshold limits
Auxiliary digital I/O
Digitally activated self test
Digitally activated low power mode
SPI-compatible serial interfaceAuxiliary 12-bit ADC input
and DAC output
Single-supply operation: +3.0 V to +3.6 V
3500 g powered shock survivability
APPLICATIONS
Platform control, stabilization, and alignment
Tilt sensing, inclinometers, leveling
Motion/position measurement
Monitor/alarm devices (security, medical, safety)
Navigation
FUNCTIONAL BLOCK DIAGRAM
SCLK
DIN
DOUT
CS
RST
DIO1 DIO2
SPI
PORT
TEMPERATURE
SENSOR
SELF-TEST
POWER
MANAGEMENT
AUXILIARY
I/O
ALARMS
DIGITAL
CONTROL
SIGNAL
CONDITIONING
AND
CONVERSION
CALIBRATION
AND
DIGITAL
PROCESSING
ADIS16209
VDD
GND
AUX
ADC
AUX
DAC VREF
DUAL-AXIS
ACCELEROMETER
Figure 1.
GENERAL DESCRIPTION
The ADIS16209 is a high-accuracy, digital inclinometer, that
accommodates both single axis (±180°) and dual-axis (±30°)
operation. The standard supply voltage (+3.3 V) and SPI® serial
interface enable simple integration into most industrial system
designs. A simple internal register structure handles all output
data and configuration features. This includes access to the
following output data:
•
Calibrated acceleration
•
Accurate incline angles
•
Power supply
•
Internal temperature
•
Auxiliary analog and digital input signals
•
Diagnostic error flags
•
Programmable alarm conditions
Configurable operating parameters include
•
Sample rate
•
Power management
•
Digital filtering
•
Auxiliary analog and digital output
•
Offset/null adjustment
•
Self-test, for sensor’s mechanical structure
The ADIS16209 is available in a 9.2 mm × 9.2 mm × 3.9mm
LGA package that operates over a temperature range of −40°C
to +125°C. It is capable of being attached using standard RoHS-
compliant solder reflow processes.


Similar Part No. - ADIS16209CCCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16209 AD-ADIS16209 Datasheet
450Kb / 16P
High-Accuracy, Dual-Axis Digital Inclinometer and Accelerometer
REV. 0
ADIS16209 AD-ADIS16209 Datasheet
1Mb / 12P
Evaluation Board User Guide
REV. B
ADIS16209PCBZ AD-ADIS16209PCBZ Datasheet
1Mb / 12P
Evaluation Board User Guide
REV. B
ADIS16209 AD-ADIS16209_08 Datasheet
450Kb / 16P
High-Accuracy, Dual-Axis Digital Inclinometer and Accelerometer
REV. 0
More results

Similar Description - ADIS16209CCCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16209 AD-ADIS16209_08 Datasheet
450Kb / 16P
High-Accuracy, Dual-Axis Digital Inclinometer and Accelerometer
REV. 0
logo
Freescale Semiconductor...
MMA6222EG FREESCALE-MMA6222EG Datasheet
377Kb / 34P
Digital Dual Axis Micromachined Accelerometer
logo
Analog Devices
ADIS16201 AD-ADIS16201 Datasheet
552Kb / 32P
Programmable Dual-Axis Inclinometer/Accelerometer
REV. C
ADIS16201 AD-ADIS16201_15 Datasheet
552Kb / 32P
Programmable Dual-Axis Inclinometer/Accelerometer
REV. C
logo
TE Connectivity Ltd
DOG2-MEMS TEC-DOG2-MEMS Datasheet
286Kb / 4P
Dual axis inclinometer
DOG2-J1939 TEC-DOG2-J1939 Datasheet
462Kb / 4P
Dual axis inclinometer
DOG2 TEC-DOG2 Datasheet
231Kb / 4P
Dual axis inclinometer
DPG TEC-DPG Datasheet
252Kb / 4P
Dual axis inclinometer
logo
Analog Devices
ADIS16201 AD-ADIS16201_V01 Datasheet
103Kb / 4P
Programmable Dual-Axis Inclinometer/Accelerometer
Rev. A
logo
Murata Manufacturing Co...
SCL3400-D01 MURATA-SCL3400-D01 Datasheet
1Mb / 42P
Digital 2-axis inclinometer
Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com