Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC-C047 Datasheet (PDF) - Hittite Microwave Corporation

HMC-C047 Datasheet PDF - Hittite Microwave Corporation
Part # HMC-C047
Download  HMC-C047 Download
File Size   251.25 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC I/Q MIXER MODULE 30 - 38 GHz

HMC-C047 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC-C047 Datasheet PDF - Hittite Microwave Corporation

Part # HMC-C047
Download  HMC-C047 Click to download

File Size   251.25 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC I/Q MIXER MODULE 30 - 38 GHz

HMC-C047 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC-C047

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C040 HITTITE-HMC-C040 Datasheet
205Kb / 4P
DIVIDE-BY-10 PRESCALER MODULE, 0.5 - 17.0 GHz
HMC-C041 HITTITE-HMC-C041 Datasheet
293Kb / 6P
GaAs MMIC I/Q MIXER MODULE 6 - 10 GHz
HMC-C042 HITTITE-HMC-C042 Datasheet
285Kb / 6P
GaAs MMIC I/Q MIXER MODULE 8.5 - 13.5 GHz
HMC-C043 HITTITE-HMC-C043 Datasheet
287Kb / 6P
GaAs MMIC I/Q MIXER MODULE 11 - 16 GHz
HMC-C044 HITTITE-HMC-C044 Datasheet
321Kb / 6P
GaAs MMIC I/Q MIXER MODULE 15 - 23 GHz
More results


Similar Description - HMC-C047

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC555 HITTITE-HMC555 Datasheet
320Kb / 6P
GaAs MMIC I/Q MIXER 31 - 38 GHz
HMC-C009 HITTITE-HMC-C009 Datasheet
488Kb / 6P
GaAs MMIC I/Q MIXER MODULE 4.0 - 8.5 GHz
HMC-C043 HITTITE-HMC-C043 Datasheet
287Kb / 6P
GaAs MMIC I/Q MIXER MODULE 11 - 16 GHz
HMC-C044 HITTITE-HMC-C044 Datasheet
321Kb / 6P
GaAs MMIC I/Q MIXER MODULE 15 - 23 GHz
HMC-C041 HITTITE-HMC-C041 Datasheet
293Kb / 6P
GaAs MMIC I/Q MIXER MODULE 6 - 10 GHz
HMC-C042 HITTITE-HMC-C042 Datasheet
285Kb / 6P
GaAs MMIC I/Q MIXER MODULE 8.5 - 13.5 GHz
HMC-C046 HITTITE-HMC-C046 Datasheet
268Kb / 6P
GaAs MMIC I/Q MIXER MODULE 20 - 31 GHz
HMC-C009 HITTITE-HMC-C009_1 Datasheet
231Kb / 6P
GaAs MMIC I/Q MIXER MODULE 4.0 - 8.5 GHz
HMC555 HITTITE-HMC555_09 Datasheet
245Kb / 6P
GaAs MMIC I/Q MIXER 31 - 38 GHz
HMC1042LC4 HITTITE-HMC1042LC4 Datasheet
1Mb / 16P
GaAs MMIC I/Q MIXER
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com