Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA58M10F Datasheet (PDF) - Toshiba Semiconductor

TA58M10F Datasheet PDF - Toshiba Semiconductor
Part # TA58M10F
Download  TA58M10F Download
File Size   220.18 Kbytes
Page   12 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 500 mA Low Dropout Voltage Regulator

TA58M10F Datasheet (PDF)

Go To PDF Page Download Datasheet
TA58M10F Datasheet PDF - Toshiba Semiconductor

Part # TA58M10F
Download  TA58M10F Click to download

File Size   220.18 Kbytes
Page   12 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 500 mA Low Dropout Voltage Regulator

TA58M10F Datasheet (HTML) - Toshiba Semiconductor


TA58M10F Product details

Features
■ Maximum output current
■ : 500 mA
■ Output voltage : 5 / 6 / 8 / 9 / 10 / 12 / 15 V
■ Output voltage accuracy : VOUT ± 3% (@Tj = 25°C)
■ Low-dropout voltage : 0.65 V (Max) (@IOUT = 500mA)
■ Protection function : Over current protection / thermal shutdown / Reverse connection of power supply / 60 V load dump




Similar Part No. - TA58M10F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA58M10S TOSHIBA-TA58M10S Datasheet
216Kb / 12P
500 mA Low Dropout Voltage Regulator
06-Nov-2006
More results


Similar Description - TA58M10F

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2937 NSC-LM2937 Datasheet
308Kb / 11P
500 mA Low Dropout Regulator
logo
Texas Instruments
TL5209 TI-TL5209 Datasheet
371Kb / 22P
500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN
logo
Toshiba Semiconductor
TA58M05S TOSHIBA-TA58M05S Datasheet
216Kb / 12P
500 mA Low Dropout Voltage Regulator
06-Nov-2006
logo
Texas Instruments
TL5209 TI-TL5209_10 Datasheet
501Kb / 21P
500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN
LM2937ET-5.0 TI1-LM2937ET-5.0 Datasheet
1Mb / 24P
LM2937 500 mA Low Dropout Regulator
logo
Analog Devices
ADP1716 AD-ADP1716_15 Datasheet
606Kb / 20P
500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
logo
Texas Instruments
LM2937 TI-LM2937_15 Datasheet
1Mb / 30P
500-mA Low Dropout Regulator
TPS74701 TI1-TPS74701_15 Datasheet
1Mb / 30P
500-mA Low-Dropout Linear Regulator
logo
Microchip Technology
MIC5237 MICROCHIP-MIC5237 Datasheet
1Mb / 18P
500 mA Low Dropout Regulator
09/14/21
logo
Toshiba Semiconductor
TCR5BM TOSHIBA-TCR5BM Datasheet
1Mb / 16P
500 mA CMOS Ultra Low Dropout Regulator
02-Sep-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com