Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA2145AFG Datasheet (PDF) - Toshiba Semiconductor

TA2145AFG Datasheet PDF - Toshiba Semiconductor
Part # TA2145AFG
Download  TA2145AFG Download
File Size   310.18 Kbytes
Page   16 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 3 V Stereo Headphone Amplifier (3 V USE)

TA2145AFG Datasheet (PDF)

Go To PDF Page Download Datasheet
TA2145AFG Datasheet PDF - Toshiba Semiconductor

Part # TA2145AFG
Download  TA2145AFG Click to download

File Size   310.18 Kbytes
Page   16 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 3 V Stereo Headphone Amplifier (3 V USE)

TA2145AFG Datasheet (HTML) - Toshiba Semiconductor


TA2145AFG Product details

3 V Stereo Headphone Amplifier (3 V USE)

The TA2145AFG is developed for play-back stereo headphone equipments (3 V USE).
It is built in dual preamplifiers, dual OCL power amplifiers, motor governor, DC volume control and preamplifier on/off switch etc.

Features
• Built-in preamplifier
   Input coupling condenser-less
   Built-in input capacitor for reducing buzz noise
   Low noise: Vni = 1.2 µVrms (typ.)
   Preamplifier on/off switch.
• Built-in power amplifier
   OCL (Output condenser-less)
   Voltage gain: GV = 31 dB (typ.)
• Built-in motor governor (Current proportion type)
• Built-in DC volume control function
   ATT = 82dB (Ta = 25°C, typ.)
• Built-in bass boost function
• Low supply current (VCC = 3 V, f = 1 kHz, PRE OUT = 100 mVrms, Ta = 25°C, typ.)
• Quiescent supply current
   PRE + PW: ICCQ = 8.5 mA
   GVN: ICC = 2.5 mA
• 0.1 mW × 2 ch output
   ICC1 = 9.8 mA (RL = 32 Ω)
   ICC2 = 10.5 mA (RL = 16 Ω)
• 0.5 mW × 2 ch output
   ICC3 = 14.0 mA (RL = 32 Ω)
   ICC4 = 16.5 mA (RL = 16 Ω)
• Operating supply voltage range (Ta = 25°C)
   VCC (opr) = 1.8~3.6 V
   GVN VCC (opr) = 2.1~3.6 V (Motor voltage = 1.8 V)




Similar Part No. - TA2145AFG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2145AF TOSHIBA-TA2145AF Datasheet
282Kb / 16P
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
More results


Similar Description - TA2145AFG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2002F TOSHIBA-TA2002F Datasheet
757Kb / 17P
STEREO HEADPHONE AMPLIFIER (3V USE)
TA7688F TOSHIBA-TA7688F Datasheet
446Kb / 11P
STEREO HEADPHONE AMPLIFIER (3V USE)
TA8119P TOSHIBA-TA8119P Datasheet
402Kb / 10P
STEREO HEADPHONE AMPLIFIER (3V USE)
TA8145FN TOSHIBA-TA8145FN Datasheet
312Kb / 8P
STEREO HEADPHONE AMPLIFIER (1.5V USE)
logo
Sanyo Semicon Device
LA4582CM SANYO-LA4582CM Datasheet
143Kb / 6P
Pre Power Amplifier for 3-V Headphone Stereo Systems
LA4585M SANYO-LA4585M Datasheet
131Kb / 5P
3-V Preamplifier Power Amplifier for Headphone Stereo Products
LA4800V SANYO-LA4800V Datasheet
192Kb / 11P
3 V Stereo Headphone Power Amplifier
logo
Toshiba Semiconductor
TA2152FLG TOSHIBA-TA2152FLG Datasheet
302Kb / 18P
Low Current Consumption Headphone Amplifier (for 1.5-V/3-V Use)
TA2152FNG TOSHIBA-TA2152FNG Datasheet
276Kb / 16P
Low Current Consumption Headphone Amplifier (for 1.5-V/3-V Use)
TA2160FNG TOSHIBA-TA2160FNG Datasheet
275Kb / 17P
Low Consumption Current Stereo Headphone Amplifier (1.5/3 V use)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com