Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA2145AF Datasheet (PDF) - Toshiba Semiconductor

TA2145AF Datasheet PDF - Toshiba Semiconductor
Part # TA2145AF
Download  TA2145AF Download
File Size   282.51 Kbytes
Page   16 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic

TA2145AF Datasheet (PDF)

Go To PDF Page Download Datasheet
TA2145AF Datasheet PDF - Toshiba Semiconductor

Part # TA2145AF
Download  TA2145AF Click to download

File Size   282.51 Kbytes
Page   16 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic

TA2145AF Datasheet (HTML) - Toshiba Semiconductor


TA2145AF Product details

3 V Stereo Headphone Amplifier (3 V USE)

The TA2145AF is developed for play-back stereo headphone equipments (3 V USE).
It is built in dual preamplifiers, dual OCL power amplifiers, motor governor, DC volume control and preamplifier on/off switch etc.

Features
● Built-in preamplifier
   Input coupling condenser-less
   Built-in input capacitor for reducing buzz noise
   Low noise: Vni = 1.2 µVrms (typ.)
   Preamplifier on/off switch.
● Built-in power amplifier
   OCL (Output condenser-less)
   Voltage gain: GV = 31 dB (typ.)
● Built-in motor governor (Current proportion type)
● Built-in DC volume control function
   ATT = 82dB (Ta = 25°C, typ.)
● Built-in bass boost function
● Low supply current (VCC = 3 V, f = 1 kHz, PRE OUT = 100 mVrms, Ta = 25°C, typ.)
● Quiescent supply current
   PRE + PW: ICCQ = 8.5 mA
   GVN: ICC = 2.5 mA
● 0.1 mW × 2 ch output
   ICC1 = 9.8 mA (RL = 32 Ω)
   ICC2 = 10.5 mA (RL = 16 Ω)
● 0.5 mW × 2 ch output
   ICC3 = 14.0 mA (RL = 32 Ω)
   ICC4 = 16.5 mA (RL = 16 Ω)
● Operating supply voltage range (Ta = 25°C)
   VCC (opr) = 1.8~3.6 V
   GVN VCC (opr) = 2.1~3.6 V (Motor voltage = 1.8 V)




Similar Part No. - TA2145AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2145AFG TOSHIBA-TA2145AFG Datasheet
310Kb / 16P
3 V Stereo Headphone Amplifier (3 V USE)
More results


Similar Description - TA2145AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8273H TOSHIBA-TA8273H Datasheet
249Kb / 13P
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8696F TOSHIBA-TA8696F Datasheet
212Kb / 12P
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA2028F TOSHIBA-TA2028F Datasheet
495Kb / 8P
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4018F TOSHIBA-TA4018F Datasheet
142Kb / 8P
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8428K TOSHIBA-TA8428K Datasheet
260Kb / 12P
TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
TA4017FT TOSHIBA-TA4017FT Datasheet
94Kb / 6P
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA6042FNG TOSHIBA-TA6042FNG Datasheet
328Kb / 10P
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA1317AN TOSHIBA-TA1317AN Datasheet
888Kb / 59P
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4019F TOSHIBA-TA4019F Datasheet
157Kb / 7P
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8264AH TOSHIBA-TA8264AH Datasheet
234Kb / 14P
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com