Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS33W Datasheet (PDF) - TECH PUBLIC Electronics co LTD

DS33W Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # DS33W
Download  DS33W Download
File Size   1217.11 Kbytes
Page   3 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE

DS33W Datasheet (PDF)

Go To PDF Page Download Datasheet
DS33W Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # DS33W
Download  DS33W Click to download

File Size   1217.11 Kbytes
Page   3 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE

DS33W Datasheet (HTML) - TECH PUBLIC Electronics co LTD


DS33W Product details

Features

e Schottky Barrier Chip

© Ideally Suited for Automatic Assembly

® Low Power Loss, High Efficiency

e Surge Overload Rating to 2 0A Peak

® For Use in Low Voltage Application

® Guard Ring Die Construction

® Plastic Case Material has UL Flammability
Classification Rating 94V-O




Similar Part No. - DS33W

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
DS33W ZSELEC-DS33W Datasheet
138Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Maxim Integrated Produc...
DS33W11 MAXIM-DS33W11 Datasheet
2Mb / 375P
Ethernet Over PDH Mapping Devices
Rev: 063008
DS33W11+ MAXIM-DS33W11+ Datasheet
2Mb / 375P
Ethernet Over PDH Mapping Devices
Rev: 063008
DS33W41+ MAXIM-DS33W41+ Datasheet
2Mb / 375P
Ethernet Over PDH Mapping Devices
Rev: 063008
More results


Similar Description - DS33W

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SX32 WTE-SX32 Datasheet
47Kb / 4P
3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SUNMATE electronic Co.,...
RB051M-2Y SUNMATE-RB051M-2Y Datasheet
285Kb / 3P
3.0A Surface Mount Schottky Barrier Diode
RB051M-2Y SUNMATE-RB051M-2Y Datasheet
285Kb / 3P
3.0A Surface Mount Schottky Barrier Diode
logo
Zibo Seno Electronic En...
SS32 ZSELEC-SS32 Datasheet
149Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS32F ZSELEC-SS32F Datasheet
172Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS32W ZSELEC-DS32W Datasheet
138Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
BR32 ZSELEC-BR32 Datasheet
113Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
30BQ020 ZSELEC-30BQ020 Datasheet
150Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
BR32BF ZSELEC-BR32BF Datasheet
136Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
BX32 ZSELEC-BX32 Datasheet
100Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com