Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA4800AF Datasheet (PDF) - Toshiba Semiconductor

TA4800AF Datasheet PDF - Toshiba Semiconductor
Part # TA4800AF
Download  TA4800AF Download
File Size   210.43 Kbytes
Page   9 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 1A Output Current Low Dropout Voltage Regulator

TA4800AF Datasheet (PDF)

Go To PDF Page Download Datasheet
TA4800AF Datasheet PDF - Toshiba Semiconductor

Part # TA4800AF
Download  TA4800AF Click to download

File Size   210.43 Kbytes
Page   9 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 1A Output Current Low Dropout Voltage Regulator

TA4800AF Datasheet (HTML) - Toshiba Semiconductor


TA4800AF Product details

Features
■ Maximum output current : 1 A
■ Output voltage : VOUT = 1.5 V ∼ 9.0 V
■ Reference voltage accuracy : VREF ± 2.5% (@Tj = 25°C)
■ Low quiescent current : 850 μA (Typ.) (@VOUT = 3.3 V ,IOUT = 0 A)
■ Low standby current (output OFF mode): 0.5 μA (Typ.)
■ Low-dropout voltage : VD = 0.5 V (Max) (@VOUT = 3.3 V, IOUT = 500 mA)
■ Protection function : Over current protection / thermal shutdown




Similar Part No. - TA4800AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA4800AF TOSHIBA-TA4800AF Datasheet
225Kb / 10P
1 A Output Current Low Dropout Voltage Regulator
30-Sep-2009
TA4800AF TOSHIBA-TA4800AF_09 Datasheet
225Kb / 10P
1 A Output Current Low Dropout Voltage Regulator
30-Sep-2009
More results


Similar Description - TA4800AF

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2910 ADMOS-AMS2910 Datasheet
78Kb / 8P
1A LOW DROPOUT VOLTAGE REGULATOR
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
1A LOW DROPOUT VOLTAGE REGULATOR
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117 Datasheet
181Kb / 6P
1A LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6330A TMT-T6330A Datasheet
388Kb / 8P
1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117F CHAMP-CM1117F Datasheet
250Kb / 8P
1A LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1540 TSC-TS1540_08 Datasheet
67Kb / 4P
1A Low Dropout Voltage Regulator with Low Quiescent Current
logo
Exar Corporation
SPX3940 EXAR-SPX3940_12 Datasheet
1Mb / 11P
1A Low Dropout Voltage Regulator
logo
Sipex Corporation
SPX2940T-L-5-0 SIPEX-SPX2940T-L-5-0 Datasheet
616Kb / 10P
1A Low Dropout Voltage Regulator
Rev. 2.0.0
logo
First Components Intern...
FGM78R05 FCI-FGM78R05 Datasheet
206Kb / 7P
1A / 5V Output low dropout voltage regulator;
logo
SHANGHAI BELLING CO., L...
BL2940 BELLING-BL2940_16 Datasheet
959Kb / 15P
1A Low-Dropout Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com