Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA4800AF Datasheet (PDF) - Toshiba Semiconductor

TA4800AF Datasheet PDF - Toshiba Semiconductor
Part # TA4800AF
Download  TA4800AF Download
File Size   225.44 Kbytes
Page   10 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 1 A Output Current Low Dropout Voltage Regulator

TA4800AF Datasheet (PDF)

Go To PDF Page Download Datasheet
TA4800AF Datasheet PDF - Toshiba Semiconductor

Part # TA4800AF
Download  TA4800AF Click to download

File Size   225.44 Kbytes
Page   10 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 1 A Output Current Low Dropout Voltage Regulator

TA4800AF Datasheet (HTML) - Toshiba Semiconductor


TA4800AF Product details

Features
■ Maximum output current : 1 A
■ Output voltage : VOUT = 1.5 V to 9.0 V
■ Reference voltage accuracy : VREF ± 2.5% (@Tj = 25°C)
■ Low quiescent current : 850 μA (typ.) (@VOUT = 3.3 V, IOUT = 0 A)
■ Low standby current (output OFF mode): 0.5 μA (typ.)
■ Low-dropout voltage : VD = 0.5 V (max) (@VOUT = 3.3 V, IOUT = 500 mA)
■ Protection function : Overcurrent protection / overheating protection




Similar Part No. - TA4800AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA4800AF TOSHIBA-TA4800AF Datasheet
210Kb / 9P
1A Output Current Low Dropout Voltage Regulator
06-Nov-2006
More results


Similar Description - TA4800AF

ManufacturerPart #DatasheetDescription
logo
NEC
UPD120N NEC-UPD120N Datasheet
157Kb / 15P
THREE-TERMINAL LOW-DROPOUT POSITIVE-VOLTAGE REGULATOR (OUTPUT CURRENT: 0.3 A)
logo
Toshiba Semiconductor
TA48S018F TOSHIBA-TA48S018F Datasheet
226Kb / 11P
1-A Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
06-Nov-2006
TA4800AF TOSHIBA-TA4800AF Datasheet
210Kb / 9P
1A Output Current Low Dropout Voltage Regulator
06-Nov-2006
TA48015F TOSHIBA-TA48015F Datasheet
242Kb / 9P
1.5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
02-Nov-2006
logo
Linear Dimensions Semic...
LND5201 LINEAR_DIMENSIONS-LND5201 Datasheet
203Kb / 7P
1 A Low Dropout Positive Voltage Regulator
logo
Toshiba Semiconductor
TA48015BF TOSHIBA-TA48015BF_09 Datasheet
235Kb / 12P
1 A Three-Terminal Low-Dropout Voltage Regulator
02-Feb-2009
logo
New Japan Radio
NJM2841 NJRC-NJM2841 Datasheet
161Kb / 12P
Low Output Voltage Low Dropout Regulator
Ver.2013-08-01
logo
Texas Instruments
LM2940 TI1-LM2940 Datasheet
290Kb / 16P
1-A LOW-DROPOUT VOLTAGE REGULATOR
MAY 2006
logo
Renesas Technology Corp
UPD120NXX RENESAS-UPD120NXX Datasheet
323Kb / 15P
THREE-TERMINAL LOW-DROPOUT POSITIVE-VOLTAGE REGULATOR (OUTPUT CURRENT: 0.3 A)
Apr 15, 2011
logo
TAITRON Components Inco...
LD1117A12 TAITRON-LD1117A12 Datasheet
438Kb / 21P
1 A Low Dropout Positive Voltage Regulator
Rev. A/LX
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com