Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BOS02F3 Datasheet (PDF) - Balluff Korea Ltd.

BOS02F3 Datasheet PDF - Balluff Korea Ltd.
Part # BOS02F3
Download  BOS02F3 Download
File Size   108.01 Kbytes
Page   3 Pages
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.
Description BOS 6K-XI-LS10-S75

BOS02F3 Datasheet (PDF)

Go To PDF Page Download Datasheet
BOS02F3 Datasheet PDF - Balluff Korea Ltd.

Part # BOS02F3
Download  BOS02F3 Click to download

File Size   108.01 Kbytes
Page   3 Pages
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.
Description BOS 6K-XI-LS10-S75

BOS02F3 Datasheet (HTML) - Balluff Korea Ltd.


BOS02F3 Product details

Basic features
Approval/Conformity CE
UKCA
cULus
WEEE
Basic standard IEC 60947-5-2
Operating mode SIO Mode
IO-Link Mode
Principle of operation Photoelectric sensor
Reference receiver BOS 6K-..-LE10-..
Series 6K
Style Square
Connection 90°




Similar Part No. - BOS02F3

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BOS02F0 BALLUFF-BOS02F0 Datasheet
109Kb / 3P
Photoelectric Sensors
2024-08-20
BOS02F2 BALLUFF-BOS02F2 Datasheet
109Kb / 3P
BOS 6K-UU-LK10-S49
2025-03-27
BOS02F5 BALLUFF-BOS02F5 Datasheet
104Kb / 2P
BOS 6K-UI-LE10-S75
2025-03-27
BOS02F8 BALLUFF-BOS02F8 Datasheet
107Kb / 3P
BOS 6K-UI-BH15-S75
2025-03-27
More results


Similar Description - BOS02F3

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC66354B SANYO-LC66354B Datasheet
633Kb / 23P
4-bit Single-Chip Microcontrollers On-Chip 4K/6K/8K-byte ROM
logo
Tumbler Technologies + ...
T2-2S0505EH TRUMPOWER-T2-2S0505EH Datasheet
29Kb / 1P
DC/DC CONVERTERS 6K VDC Isolation, 2 Watt
logo
EPCOS
B7920 EPCOS-B7920 Datasheet
143Kb / 15P
SAW Duplexer WCDMA / LTE Band XI
logo
Sanyo Semicon Device
LC87F83C8A SANYO-LC87F83C8A Datasheet
255Kb / 31P
FROM 128K byte, RAM 6K byte on-chip 8-bit ETR Microcontroller
LC88F52H0A SANYO-LC88F52H0A Datasheet
173Kb / 31P
FROM 128K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
logo
Amphenol Corporation
MA700 AMPHENOL-MA700 Datasheet
54Kb / 4P
Nominal 6K/30K 廓at 77째F (25째C)
logo
Schneider Electric
STBXBE1300K SCHNEIDER-STBXBE1300K Datasheet
118Kb / 3P
Modicon STB - BOS internal bus extension kit
Apr 8, 2022
logo
PHOENIX CONTACT
2890166 PHOENIX-2890166 Datasheet
51Kb / 2P
Electronic housing - ME MAX B-22,5 KMGY S75
11/05/2018
logo
List of Unclassifed Man...
SH69P26 ETC-SH69P26 Datasheet
393Kb / 43P
OTP 6K 4-Bit Micro-controller
V2.3 Jul. 2015
logo
Balluff Korea Ltd.
18E-PO-1YA-E5-D-S4 BALLUFF-18E-PO-1YA-E5-D-S4 Datasheet
220Kb / 2P
BOS 18E-PO-1YA-E5-D-S4 BOS0015
09-03-17_18:50
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com