Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA700 Datasheet (PDF) - Amphenol Corporation

MA700 Datasheet PDF - Amphenol Corporation
Part # MA700
Download  MA700 Download
File Size   54.94 Kbytes
Page   4 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description Nominal 6K/30K 廓at 77째F (25째C)

MA700 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA700 Datasheet PDF - Amphenol Corporation

Part # MA700
Download  MA700 Click to download

File Size   54.94 Kbytes
Page   4 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description Nominal 6K/30K 廓at 77째F (25째C)

MA700 Datasheet (HTML) - Amphenol Corporation


MA700 Product details

The MA700 Series of reusable temperature probes is ideally suited for the critical sensing parameters in continuous monitoring of a patient’s body temperature. The MA700 Series may be used with thermometers and other instruments designed to accept a resistance input of nominal 6K/30K Ω at 77°F (25°C). Unit to unit accuracy is specified as ±.27°F (±0.15°C) over a range of 32°F to158°F (0°C to 70°C).

Features
• Nominal 6K/30K Ωat 77°F (25°C)
• Interchangeable to ±0.27°F (±0.15°C) when used with an external resistor network
• Fast response
• Pediatric and adult model

Applications
• ICU’s
• Outpatient clinics
• Physicians’ offices
• Veterinary hospitals
• Mobile medical units
• Hospice care




Similar Part No. - MA700

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA700 PANASONIC-MA700 Datasheet
80Kb / 3P
Silicon epitaxial planar type
logo
Galaxy Semi-Conductor H...
MA700 BILIN-MA700 Datasheet
48Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
logo
SEMTECH ELECTRONICS LTD...
MA700 SEMTECH_ELEC-MA700 Datasheet
127Kb / 1P
SILICON EPITAXIAL PLANAR TYPE SCHOTTKY BARRIER DIODES
logo
EIC discrete Semiconduc...
MA700 EIC-MA700 Datasheet
102Kb / 3P
SCHOTTKY BARRIER DIODES
logo
Shenzhen Luguang Electr...
MA700 LUGUANG-MA700 Datasheet
152Kb / 3P
Small Signal Schottky Diodes
More results


Similar Description - MA700

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
AS352R035 AMETHERM-AS352R035 Datasheet
31Kb / 1P
Resistance @ 25째c
AS355R025 AMETHERM-AS355R025 Datasheet
31Kb / 1P
Resistance @ 25째c
AS3250006 AMETHERM-AS3250006 Datasheet
31Kb / 1P
Resistance @ 25째c
logo
Recom International Pow...
RAM-0505S RECOM-RAM-0505S Datasheet
108Kb / 2P
25째C, nominal input voltage and rated output current unless otherwise specified
RAZ-0505S RECOM-RAZ-0505S Datasheet
107Kb / 2P
25째C, nominal input voltage and rated output current unless otherwise specified
RTM-0505S RECOM-RTM-0505S Datasheet
103Kb / 2P
25째C, nominal input voltage and rated output current unless otherwise specified
logo
New Jersey Semi-Conduct...
2N3265 NJSEMI-2N3265 Datasheet
85Kb / 2P
absolute maximum ratings at 25째C case temperature
logo
IXYS Corporation
MX887D IXYS-MX887D_17 Datasheet
151Kb / 6P
uPower Operation (15uW typical at 25째C)
MX887P IXYS-MX887P_17 Datasheet
151Kb / 6P
uPower Operation (15uW typical at 25째C)
logo
Molex Electronics Ltd.
2138652933 MOLEX-2138652933 Datasheet
39Kb / 2P
NTC Ring Temperature Sensor-to-Micro-Lock Plus Cable Assembly, 75.00mm Length, 3982 Beta Value, 30k# Resistance at 25째C with 2% Tolerance, Black
More results




About Amphenol Corporation


Amphenol Corporation is a global manufacturer of interconnect products, including connectors and cable assemblies, for various markets such as telecommunications, industrial, automotive, military, aerospace and medical.

The company was founded in 1932 and is headquartered in Wallingford, Connecticut.

Amphenol has a broad product portfolio that includes circular, rectangular, fiber optic, and high-speed interconnects, as well as coaxial and specialty cable assemblies.

The company's products are used in a wide range of applications, from smartphones and laptops to aircraft, automobiles, and military systems.

With operations and facilities in over 60 countries, Amphenol has a strong global presence in the interconnect solutions market.

The company is known for its innovation and technology leadership, as well as its commitment to quality and customer service.

Amphenol has been recognized as one of the world's most ethical companies and has a long-standing reputation for responsible business practices.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com