Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA700 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # MA700
Description  Nominal 6K/30K 廓at 77째F (25째C)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MA700 Datasheet(HTML) 2 Page - Amphenol Corporation

  MA700 Datasheet HTML 1Page - Amphenol Corporation MA700 Datasheet HTML 2Page - Amphenol Corporation MA700 Datasheet HTML 3Page - Amphenol Corporation MA700 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
The MA700 Series of reusable temperature probes is
ideally suited for the critical sensing parameters in
continuous monitoring of a patient’s body temperature.
The MA700 Series may be used with thermometers
and other instruments designed to accept a resistance
input of nominal 6K/30K Ω at 77°F (25°C). Unit to unit
accuracy is specified as ±.27°F (±0.15°C) over a range of
32°F to158°F (0°C to 70°C).
Repeatability and fast response are essential not
only for the intermittent temperature requirements
associated with oral and rectal temperature
measurements, but alsowith continuous monitoring
necessary during induced hypothermia and general
anesthesia, or when employed in the pediatric
environment, including the care of newborns and
premature babies. Intensive care and recovery rooms
have long used temperature as part oftheir vital sign
monitoring procedures. Temperature monitoring for
skin surface, tympanic, esophageal, and biofeedback
applications have improved due to the high stability
and tight tolerances designed into each MA700 Series
probe.
.A world-class manufacturer and partner you can
trust to deliver the highest quality sensing products
anywhere in the world.
•Sixtyyearsofmaterialscience,in-housestandards
and a calibration lab traceable to National Institute
of Standards and Technology (NIST) allow us to
manufacture thermistor elements and assemblies
with the highest stability and interchangeability
available.
•TheMA700Seriesisderivedfromasolidbiomedical
sensor platform and the result of engineered
solutions to unique applications.
•Thermometricshasexcelledinofferingcustomer’s
satisfaction by providing products that yield good
results, such as sensors for monitoring patient’s body
temperature.
Series MA700 Series Characteristics
Mode
Application
Description
MA701/ce
General Purpose
(Adult)
Molded Epoxy Tip with
VinylCoating 0.25 in (6.35 mm)
maximum diameter
MA702/ce
General Purpose
(Pediatric)
Molded Plastic Tip 0.126 in(3.2
mm) maximum diameter
MA708/ce
General Surface (Rigid
Handle)
Stainless steel Cup 0.406 in(10.3
mm) diameter with stainless steel
extension tube
MA729/ce
Skin Surface (Pediatric)
Stainless steel Cup 0.25 in(6.35
mm) diameter with Ribbon Cable
Phone jack: In each series the probe (thermistor) is connected to a 10 ft (3 M) long
cable with a two-conductor, 0.250 in (6.35 mm) diameter phone style plug. It is
also available in a straight-molded phone plug.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com