Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPAR0502P1G Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPAR0502P1G Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPAR0502P1G
Download  TPAR0502P1G Download
File Size   1384.36 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 2-Line Ultra Low Capacitance TVS Diode

TPAR0502P1G Datasheet (PDF)

Go To PDF Page Download Datasheet
TPAR0502P1G Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPAR0502P1G
Download  TPAR0502P1G Click to download

File Size   1384.36 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 2-Line Ultra Low Capacitance TVS Diode

TPAR0502P1G Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPAR0502P1G Product details

Features
Uitra smal package: 1.0x0.6x0.5mm
Ultra low capacitance: 0.3pF typical (1/0-1/0)
Ultra low leakage: nA level
Low operating voltage: 5V
Low clamping voltage
3-pin leadless package
Up to 2-ine protects
Complies with following standards:
~ IEC 610004-2 (ESD) immunity test
Ar discharge: 25kV
Contact discharge: £20kV
— IEC61000-4-5 (Lightning) 4A (8/20ps)
~ IEC61000-4-4 (EFT) 40A (5/50ns)
RoHS Compliant




Similar Part No. - TPAR0502P1G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TPAR3D TSC-TPAR3D Datasheet
396Kb / 4P
3A, 200V - 600V Avalanche Fast Recovery Surface Mount Rectifiers
TPAR3G TSC-TPAR3G Datasheet
396Kb / 4P
3A, 200V - 600V Avalanche Fast Recovery Surface Mount Rectifiers
TPAR3J TSC-TPAR3J Datasheet
396Kb / 4P
3A, 200V - 600V Avalanche Fast Recovery Surface Mount Rectifiers
logo
TECH PUBLIC Electronics...
TPAR809 TECHPUBLIC-TPAR809 Datasheet
2Mb / 5P
3-Pin Microprocessor Reset Circuits
TPAR809JS3 TECHPUBLIC-TPAR809JS3 Datasheet
2Mb / 5P
3-Pin Microprocessor Reset Circuits
More results


Similar Description - TPAR0502P1G

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8811 AOSMD-AOZ8811 Datasheet
338Kb / 7P
Ultra-Low Capacitance One-line TVS Diode
logo
Applied Power Microelec...
AR0502P1 APMICRO-AR0502P1 Datasheet
707Kb / 4P
2-Line Ultra Low Capacitance TVS Diode
AR0502P6 APMICRO-AR0502P6 Datasheet
636Kb / 4P
2-Line Ultra Low Capacitance TVS Diode
AR0502S1 APMICRO-AR0502S1 Datasheet
766Kb / 5P
2-Line Ultra-Low Capacitance TVS Diode Array
AR0502S2 APMICRO-AR0502S2 Datasheet
784Kb / 5P
2-Line Ultra Low Capacitance TVS Diode
AR0502S5 APMICRO-AR0502S5 Datasheet
798Kb / 5P
2-Line Ultra Low Capacitance TVS Diode Array
AR0532P6 APMICRO-AR0532P6 Datasheet
718Kb / 4P
2-Line Ultra Low Capacitance TVS Diode
logo
Shanghai Leiditech Elec...
ULC0542T LEIDITECH-ULC0542T Datasheet
1Mb / 4P
2-Line Ultra Low Capacitance TVS Diode Array
RCLAMP3382P LEIDITECH-RCLAMP3382P Datasheet
2Mb / 5P
2-Line Ultra Low Capacitance TVS Diode Array
Rev : 01.06.2018
RCLAMP0522P LEIDITECH-RCLAMP0522P Datasheet
1Mb / 4P
2-Line Ultra Low Capacitance TVS Diode Array
Rev : 01.06.2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com