Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC-HCT4066 Datasheet (PDF) - SYC Electronica

74HC-HCT4066 Datasheet PDF - SYC Electronica
Part # 74HC-HCT4066
Download  74HC-HCT4066 Download
File Size   212.23 Kbytes
Page   27 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description Quad bilateral switches

74HC-HCT4066 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC-HCT4066 Datasheet PDF - SYC Electronica

Part # 74HC-HCT4066
Download  74HC-HCT4066 Click to download

File Size   212.23 Kbytes
Page   27 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description Quad bilateral switches

74HC-HCT4066 Datasheet (HTML) - SYC Electronica


74HC-HCT4066 Product details

FEATURES
· Very low ON-resistance:
– 50W (typical) at VCC = 4.5 V
– 45W (typical) at VCC = 6.0 V
– 35W (typical) at VCC = 9.0 V.
· Complies with JEDEC standard no. 7A
· ESD protection:
HBM EIA/JESD22-A114-B exceeds 2000 V
MM EIA/JESD22-A115-A exceeds 200 V.
· Specified from -40 °C to +85 °C and -40 °C to +125 °C.




Similar Part No. - 74HC-HCT4066

ManufacturerPart #DatasheetDescription
logo
SYC Electronica
74HC-HCT4060 SYC-74HC-HCT4060 Datasheet
184Kb / 25P
14-stage binary ripple counter with oscillator
14 July 2008
More results


Similar Description - 74HC-HCT4066

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4016 PHILIPS-74HC4016 Datasheet
109Kb / 14P
Quad bilateral switches
December 1990
74HC4066 PHILIPS-74HC4066 Datasheet
175Kb / 24P
Quad bilateral switches
1998 Nov 10
74HC4316 PHILIPS-74HC4316 Datasheet
130Kb / 15P
Quad bilateral switches
September 1993
74LV4066 PHILIPS-74LV4066 Datasheet
84Kb / 10P
Quad bilateral switches
1998 Jun 23
74LV4316 PHILIPS-74LV4316 Datasheet
156Kb / 16P
Quad bilateral switches
1998 Jun 23
74LVC4066 PHILIPS-74LVC4066 Datasheet
133Kb / 23P
Quad bilateral switches
2003 Aug 12
74HC4316PW-T NXP-74HC4316PW-T Datasheet
117Kb / 15P
Quad bilateral switches
September 1993
74LV4066 PHILIPS-74LV4066_15 Datasheet
138Kb / 23P
Quad bilateral switches
Rev. 03-4 July 2005
logo
Unisonic Technologies
U74HC4066 UTC-U74HC4066_15 Datasheet
276Kb / 7P
QUAD BILATERAL SWITCHES
logo
Nexperia B.V. All right...
74LV4066 NEXPERIA-74LV4066 Datasheet
315Kb / 21P
Quad bilateral switches
Rev. 5 - 24 October 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com