Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD3531 Datasheet (PDF) - Analog Devices

AD3531 Datasheet PDF - Analog Devices
Part # AD3531
Download  AD3531 Download
File Size   3009.39 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4-Channel, 16-Bit Voltage Output DAC, On-Chip Reference, SPI

AD3531 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD3531 Datasheet PDF - Analog Devices

Part # AD3531
Download  AD3531 Click to download

File Size   3009.39 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4-Channel, 16-Bit Voltage Output DAC, On-Chip Reference, SPI

AD3531 Datasheet (HTML) - Analog Devices


AD3531 Product details

FEATURES
► 16-bit resolution, ±3 LSB16 INL, ±1 LSB16 DNL
► TUE: ±0.22% of FSR maximum
► Offset error: ±1.5mV maximum
► Gain error: ±0.26% of FSR maximum
► Guaranteed sourcing current of 100 mA
► Ultra-low headroom: 12mV at 20mA load
► 2.5V internal voltage reference, 5ppm/°C, typical
► 55nV/√Hz noise spectral density (external reference)
► 96nV/√Hz noise spectral density (internal reference)
► Output voltage, current, and die temperature monitors
► 50MHz SPI write and read
► 2.7V to 5.5V power supply range
► 1.2V or 1.8V compatible digital interface
► Operating temperature range: −40°C to +125°C
► Small package: 2.1 mm × 2.2 mm, 25-ball WLCSP

APPLICATIONS
► Optical transceivers
► Test and measurement
► Industrial automation
► Data acquisition systems

GENERAL DESCRIPTION
The AD3531/AD3531R are low power, 4-channel, 16-bit, buffered
voltage output, digital-to-analog converters (DACs) that include
software-programmable gain controls that result in full-scale output
spans of 2.5V or 5V for reference voltages of 2.5V. The devices operate
from single, 2.7V to 5.5V supply ranges and are guaranteed
monotonic by design. The AD3531R also offers a 2.5V, 5ppm/°C
internal reference that is disabled by default.
The devices include integrated multiplexers that allow monitoring
of output voltages, currents, and internal die temperature. The
AD3531/AD3531R are available in 2.1 mm × 2.2 mm, 25-ball
WLCSP packages. The devices incorporate power-on reset (POR)
circuits that ensure that the DACs output power up to and present
at 16kΩ to ground until a valid write is executed. The DACs also
contain power-down modes that reduce the current consumption
down to 620μA, typical.
The serial peripheral interface (SPI) and MICROWIRE®-compatible,
4-wire serial interface operates on logic levels as low as 1.08V up
to 1.98V and clock rates up to 50MHz.




Similar Part No. - AD3531

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD3530 AD-AD3530 Datasheet
2Mb / 45P
8-Channel, 16-Bit Voltage Output DACs, On-Chip Reference, SPI
Rev. 0
AD3530 AD-AD3530 Datasheet
3Mb / 49P
8-Channel, 16-Bit Voltage Output DACs, On-Chip Reference, SPI
Rev. A
AD3530BCBZ-RL7 AD-AD3530BCBZ-RL7 Datasheet
2Mb / 45P
8-Channel, 16-Bit Voltage Output DACs, On-Chip Reference, SPI
Rev. 0
AD3530BCBZ-RL7 AD-AD3530BCBZ-RL7 Datasheet
3Mb / 49P
8-Channel, 16-Bit Voltage Output DACs, On-Chip Reference, SPI
Rev. A
AD3530BCPZ-RL7 AD-AD3530BCPZ-RL7 Datasheet
3Mb / 49P
8-Channel, 16-Bit Voltage Output DACs, On-Chip Reference, SPI
Rev. A
More results


Similar Description - AD3531

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7846 AD-AD7846 Datasheet
616Kb / 16P
16-Bit Voltage Output DAC
REV. E
logo
Maxim Integrated Produc...
MAX5316 MAXIM-MAX5316 Datasheet
4Mb / 33P
16-Bit, ±1 LSB Accuracy Voltage Output DAC with SPI Interface
Rev 0; 1/12
logo
Analog Devices
AD5668BRUZ-2 AD-AD5668BRUZ-2 Datasheet
1Mb / 32P
Octal, 12-/14-/16-Bit SPI Voltage Output denseDAC with 5 ppm/째C On-Chip Reference
Rev. G
logo
Texas Instruments
DAC80508 TI1-DAC80508 Datasheet
217Kb / 8P
Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80504 TI1-DAC80504 Datasheet
85Kb / 4P
Quad, 16-Bit, SPI Voltage Output DAC With Internal Reference
DAC80508Z TI1-DAC80508Z Datasheet
2Mb / 53P
Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80508 TI1-DAC80508_18 Datasheet
2Mb / 55P
Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC81404 TI-DAC81404 Datasheet
3Mb / 45P
DAC81404 Quad, 16-Bit, High-Voltage-Output DAC With Internal Reference
logo
Analog Devices
LTC2688 AD-LTC2688 Datasheet
2Mb / 42P
16-Channel, 16-Bit Voltage Output SoftSpan DAC
6/2021-Revision 0
LTC2686 AD-LTC2686 Datasheet
2Mb / 43P
8-Channel, 16-Bit Voltage Output SoftSpan DAC
11/2021-Revision 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com