Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1101BCPZ Datasheet (PDF) - Analog Devices

ADIN1101BCPZ Datasheet PDF - Analog Devices
Part # ADIN1101BCPZ
Download  ADIN1101BCPZ Download
File Size   1300.99 Kbytes
Page   79 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Robust, Industrial, Low Power 10BASE-T1L PHY

ADIN1101BCPZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADIN1101BCPZ Datasheet PDF - Analog Devices

Part # ADIN1101BCPZ
Download  ADIN1101BCPZ Click to download

File Size   1300.99 Kbytes
Page   79 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Robust, Industrial, Low Power 10BASE-T1L PHY

ADIN1101BCPZ Datasheet (HTML) - Analog Devices


ADIN1101BCPZ Product details

FEATURES
► 10BASE-T1L IEEE Standard 802.3cg-2019 compliant
► Cable reach up to 1700 m with 1.0 V p-p and 2.4 V p-p
► Supports 1.0 V p-p and 2.4 V p-p transmit levels
► MDI polarity detection and correction
► Low power consumption: 45 mW
► Diagnostics
► Cable fault detection with TDR
► Frame generator and checker
► Link quality indicator with MSE
► Frame generator and checker
► Multiple loopback modes
► IEEE test mode support
► MII, RMII, and RGMII MAC interfaces
► MDIO management interface
► Unmanaged configuration using pin strapping
► 2-pin MDI
► Internal termination resistors and hybrid
► 25 MHz crystal or external clock input (50 MHz for RMII)
► Single or dual supply with 1.8 V or 3.3 V operation
► 3.3 V, 2.5 V, or 1.8 V MAC interface VDDIO supply
► Integrated power supply monitoring and POR
► EMC test standards
► IEC 61000-4-4 EFT (±4 kV)
► IEC 61000-4-2 ESD (±4 kV contact discharge)
► IEC 61000-4-2 ESD (±8 kV air discharge)
► IEC 61000-4-5 surge (±4 kV)
► IEC 61000-4-6 conducted immunity (10 V/m)
► IEC 61000-4-3 radiated immunity (Class A)
► EN 55032 radiated emissions (Class B)
► Small package: 32-lead, 5 mm × 5 mm LFCSP
► Temperature range
► Industrial: −40°C to +85°C
► Extended: −40°C to +105°C

APPLICATIONS
► Process control
► Factory automation
► Building automation
► Field instruments and switches

GENERAL DESCRIPTION
The ADIN1101 is a low power, single port, 10BASE-T1L transceiver
designed for industrial Ethernet applications and is compliant with
the IEEE® 802.3cg-2019™ Ethernet standard for long reach 10
Mbps single pair Ethernet (SPE). The ADIN1101 integrates an
Ethernet physical layer (PHY) core with all the associated analog
circuitry, input and output clock buffering, the management interface
control register and subsystem registers, as well as the MAC
interface and control logic to manage the reset, clock control, and
pin configuration.
The ADIN1101 supports cable reach of up to 1700 meters with
autonegotiation enabled and has ultra low power consumption of 39
mW.
The PHY core supports the 1.0 V p-p operating mode and the 2.4 V
p-p operating mode defined in the IEEE 802.3cg standard and can
operate from a single power supply rail of 1.8 V or 3.3 V, with the
lower voltage option supporting the 1.0 V p-p transmit voltage level.
The ADIN1101 has an integrated voltage supply monitoring circuit
and power-on reset (POR) circuitry to improve system level robustness.
The MDIO interface is a 2-wire serial interface for communication
between a host processor or MAC and the ADIN1101, thereby
allowing access to control and status information in the PHY core
management registers. This interface is compatible with both the
IEEE 802.3 Standard Clause 22 and Clause 45 management frame
structures.




Similar Part No. - ADIN1101BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIN1100 AD-ADIN1100 Datasheet
696Kb / 50P
Robust, Industrial, Low Power 10BASE-T1L Ethernet PHY
ADIN1100 AD-ADIN1100 Datasheet
1Mb / 78P
Robust, Industrial, Low Power 10BASE-T1L PHY
Rev. 0
ADIN1100 AD-ADIN1100 Datasheet
1Mb / 20P
Industrial SPoE PD Controller
Rev. 0
ADIN1100 AD-ADIN1100 Datasheet
1Mb / 46P
5-Port SPoE PSE Controller
Rev. 0
ADIN1100 AD-ADIN1100 Datasheet
1Mb / 22P
Power Conditioner for APL Field Devices
Rev. 0
More results


Similar Description - ADIN1101BCPZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L80227 ETC1-L80227 Datasheet
689Kb / 140P
10BASE-T/ 100BASE-TX Ethernet PHY
logo
Texas Instruments
DP83826E TI1-DP83826E Datasheet
2Mb / 112P
DP83826E Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
DP83826E TI1-DP83826E_V01 Datasheet
2Mb / 115P
DP83826 Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
DP83TD510L TI-DP83TD510L Datasheet
1Mb / 45P
DP83TD510E Ultra Low Power 802.3cg 10Base-T1L 10M Single Pair Ethernet PHY
logo
Analog Devices
ADIN1100 AD-ADIN1100 Datasheet
696Kb / 50P
Robust, Industrial, Low Power 10BASE-T1L Ethernet PHY
ADIN1110 AD-ADIN1110 Datasheet
1Mb / 104P
Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
10/2021-Revision 0
ADIN1300 AD-ADIN1300 Datasheet
1Mb / 79P
Robust, Industrial, Low Latency and Low Power 10 Mbps
10/2019-Revision 0
ADIN2111 AD-ADIN2111 Datasheet
1Mb / 125P
Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
12/2021-Revision 0
logo
Microchip Technology
LAN8670 MICROCHIP-LAN8670 Datasheet
575Kb / 30P
10BASE-T1S Ethernet PHY Transceiver Product Brief
logo
Analog Devices
ADIN1100 AD-ADIN1100_V01 Datasheet
1Mb / 78P
Robust, Industrial, Low Power 10BASE-T1L PHY
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com