Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX44284 Datasheet (PDF) - Analog Devices

MAX44284 Datasheet PDF - Analog Devices
Part # MAX44284
Download  MAX44284 Download
File Size   1160.43 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 36V, Input Common-Mode, High-Precision, Low-Power Current-Sense Amplifier

MAX44284 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX44284 Datasheet PDF - Analog Devices

Part # MAX44284
Download  MAX44284 Click to download

File Size   1160.43 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 36V, Input Common-Mode, High-Precision, Low-Power Current-Sense Amplifier

MAX44284 Datasheet (HTML) - Analog Devices


MAX44284 Product details

General Description
The MAX44284 is a high-side, current-sense amplifier
that operates with a 1.7V to 5.5V single supply and is
optimized for very low power operation with only 21μA of
quiescent current.
The MAX44284 offers precision accuracy specifications
of 2μV VOS and gain error of 0.05%. The device features
an input common-mode voltage range from -0.1V to
+36V. This current-sense amplifier has a voltage output
and is offered in four different gain versions.
The MAX44284 is offered in small 6-bump, 0.4mm-pitch
WLP (1.3mm x 0.9mm) and 6-pin SOT23 packages and is
specified for operation over the -40°C to +125°C automotive
temperature range.

Applications
● Smartphones and Tablets
● Notebook Computers
● DC-DC Current Sensing in Power Management
● Portable-/Battery-Powered Systems
● Medical Pulse Oximeters and Infusion Pumps
● Base Stations

Benefits and Features
● Supports Use of Small Current-Sense Resistors to
Improve Power-Supply Conversion Efficiency and
Measurement Accuracy
• Input Bias Current of 80nA (max)
• Very Low 2μV Input Offset Voltage (MAX44284F/H)
• Extremely Low 50nV/°C Input Offset Tempco
Coefficient
• -0.1V to +36V Wide Input Common-Mode Range
• Low 0.05% Gain Error
● Extends Battery Life
• Low Supply Current of 21μA
• 1.7V to 5.5V Single Supply
• Shutdown Input (Independent of VDD)
● Four Fixed Gain Options Simplify Design
• 50V/V – MAX44284F
• 100V/V – MAX44284H
• 200V/V – MAX44284W
• 500V/V – MAX44284E




Similar Part No. - MAX44284

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44284 MAXIM-MAX44284 Datasheet
897Kb / 14P
36V, Input Common-Mode, High-Precision,Low-Power Current-Sense Amplifier
Rev 4; 1/15
MAX44284 MAXIM-MAX44284 Datasheet
290Kb / 6P
Precision Real-Time Current Monitoring
19-7018; Rev 0; 7/14
MAX44284EAUT+ MAXIM-MAX44284EAUT+ Datasheet
1Mb / 15P
36V, Input Common-Mode, High-Precision, Low-Power Current-Sense Amplifier
2019
MAX44284EAWT+ MAXIM-MAX44284EAWT+ Datasheet
1Mb / 15P
36V, Input Common-Mode, High-Precision, Low-Power Current-Sense Amplifier
2019
MAX44284EVKIT MAXIM-MAX44284EVKIT Datasheet
290Kb / 6P
Precision Real-Time Current Monitoring
19-7018; Rev 0; 7/14
More results


Similar Description - MAX44284

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4172 MAXIM-MAX4172 Datasheet
95Kb / 8P
Low-Cost, Precision, High-Side Current-Sense Amplifier
Rev 0; 12/96
logo
Monolithic Power System...
MP8100 MPS-MP8100 Datasheet
209Kb / 5P
Precision High-Side Current-Sense Amplifier
logo
National Semiconductor ...
LMP8640 NSC-LMP8640 Datasheet
1Mb / 16P
Precision High Voltage Current Sense Amplifier
logo
Maxim Integrated Produc...
MAX4172 MAXIM-MAX4172_12 Datasheet
537Kb / 9P
Low-Cost, Precision, High-Side Current-Sense Amplifier
Rev 2; 10/12
logo
Texas Instruments
LMP8640MK-T TI1-LMP8640MK-T Datasheet
1Mb / 22P
Precision High Voltage Current Sense Amplifier
logo
Linear Technology
LT6105 LINER-LT6105_15 Datasheet
380Kb / 20P
Precision, Extended Input Range Current Sense Amplifier
logo
Silicon Laboratories
TSM9634F SILABS-TSM9634F Datasheet
1Mb / 12P
Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX44284 MAXIM-MAX44284 Datasheet
897Kb / 14P
36V, Input Common-Mode, High-Precision,Low-Power Current-Sense Amplifier
Rev 4; 1/15
MAX44284 MAXIM-MAX44284_V01 Datasheet
1Mb / 15P
36V, Input Common-Mode, High-Precision, Low-Power Current-Sense Amplifier
2019
MAX4172 MAXIM-MAX4172_V01 Datasheet
1Mb / 9P
Low-Cost, Precision, High-Side Current-Sense Amplifier
2020
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com