Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCN-800 Datasheet (PDF) - Astrodyne Corporation

SCN-800 Datasheet PDF - Astrodyne Corporation
Part # SCN-800
Download  SCN-800 Download
File Size   206.93 Kbytes
Page   3 Pages
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation
Description 800W With Parallel Function

SCN-800 Datasheet (PDF)

Go To PDF Page Download Datasheet
SCN-800 Datasheet PDF - Astrodyne Corporation

Part # SCN-800
Download  SCN-800 Click to download

File Size   206.93 Kbytes
Page   3 Pages
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation
Description 800W With Parallel Function

SCN-800 Datasheet (HTML) - Astrodyne Corporation


SCN-800 Product details

Features :
• AC input range selected by switch
• Protections: Short circuit / Overload / Over voltage / Over temp.
• High reliability/ Low ripple noise
• Built-in remote sense function
• Built-in remote ON-OFF control
• Built-in parallel operation function
• Can adjust from 20~100% output  voltage by external control 1-5V
• Forced air cooling by built-in DC fan
• Case coating with paint
• 2 years warranty




Similar Part No. - SCN-800

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SCN-800 MEANWELL-SCN-800 Datasheet
314Kb / 3P
800W Single Output With Parallel Function
SCN-800-12 MEANWELL-SCN-800-12 Datasheet
314Kb / 3P
800W Single Output With Parallel Function
SCN-800-15 MEANWELL-SCN-800-15 Datasheet
314Kb / 3P
800W Single Output With Parallel Function
SCN-800-24 MEANWELL-SCN-800-24 Datasheet
314Kb / 3P
800W Single Output With Parallel Function
SCN-800-48 MEANWELL-SCN-800-48 Datasheet
314Kb / 3P
800W Single Output With Parallel Function
More results


Similar Description - SCN-800

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
PSP-500 ASTRODYNE-PSP-500 Datasheet
461Kb / 3P
500W with PFC and Parallel Function
SCN-1K2 ASTRODYNE-SCN-1K2 Datasheet
418Kb / 3P
1200W With Parallel Function
SCP-2K4 ASTRODYNE-SCP-2K4 Datasheet
1Mb / 3P
2400W Parallel Type With PFC Function
SCP-800 ASTRODYNE-SCP-800 Datasheet
1Mb / 3P
800W Parallel Type With PFC Function
logo
Mean Well Enterprises C...
SCN-1K5 MEANWELL-SCN-1K5 Datasheet
321Kb / 3P
1500W Single Output With Parallel Function
SCN-800 MEANWELL-SCN-800 Datasheet
314Kb / 3P
800W Single Output With Parallel Function
SCP-800 MEANWELL-SCP-800 Datasheet
339Kb / 3P
800W Parallel (N1) With PFC Function
logo
RSG Electronic Componen...
SCP-2K4 RSG-SCP-2K4 Datasheet
418Kb / 4P
2400W Parallel Type With PFC Function
SCP-800 RSG-SCP-800 Datasheet
141Kb / 2P
800W Parallel Type With PFC Function
logo
Mean Well Enterprises C...
PSP-600 MEANWELL-PSP-600_10 Datasheet
395Kb / 3P
600W with PFC and Parallel Function
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com