Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCN-800 Datasheet (PDF) - Mean Well Enterprises Co., Ltd.

SCN-800 Datasheet PDF - Mean Well Enterprises Co., Ltd.
Part # SCN-800
Download  SCN-800 Download
File Size   314.34 Kbytes
Page   3 Pages
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Description 800W Single Output With Parallel Function

SCN-800 Datasheet (PDF)

Go To PDF Page Download Datasheet
SCN-800 Datasheet PDF - Mean Well Enterprises Co., Ltd.

Part # SCN-800
Download  SCN-800 Click to download

File Size   314.34 Kbytes
Page   3 Pages
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Description 800W Single Output With Parallel Function

SCN-800 Datasheet (HTML) - Mean Well Enterprises Co., Ltd.


SCN-800 Product details

Features :
• AC input range selected by switch
• Protections: Short circuit / Overload / Over voltage / Over temp.
• High reliability/ Low ripple noise
• Built-in remote sense function
• Built-in remote ON-OFF control
• Built-in parallel operation function
• Can adjust from 20~100% output  voltage by external control 1-5V
• Forced air cooling by built-in DC fan
• Case coating with paint
• 2 years warranty




Similar Part No. - SCN-800

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SCN-800 ASTRODYNE-SCN-800 Datasheet
206Kb / 3P
800W With Parallel Function
SCN-800-12 ASTRODYNE-SCN-800-12 Datasheet
206Kb / 3P
800W With Parallel Function
SCN-800-15 ASTRODYNE-SCN-800-15 Datasheet
206Kb / 3P
800W With Parallel Function
SCN-800-24 ASTRODYNE-SCN-800-24 Datasheet
206Kb / 3P
800W With Parallel Function
SCN-800-48 ASTRODYNE-SCN-800-48 Datasheet
206Kb / 3P
800W With Parallel Function
More results


Similar Description - SCN-800

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SCN-800 ASTRODYNE-SCN-800 Datasheet
206Kb / 3P
800W With Parallel Function
SCP-800 ASTRODYNE-SCP-800 Datasheet
1Mb / 3P
800W Parallel Type With PFC Function
logo
Mean Well Enterprises C...
SCN-1K2 MEANWELL-SCN-1K2 Datasheet
325Kb / 3P
1200W Single Output With Parallel Function
SCN-1K5 MEANWELL-SCN-1K5 Datasheet
321Kb / 3P
1500W Single Output With Parallel Function
SCN-2K0 MEANWELL-SCN-2K0 Datasheet
406Kb / 4P
2000W Single Output With Parallel Function
SCN-600 MEANWELL-SCN-600 Datasheet
345Kb / 3P
600W Single Output With Parallel Function
SCP-800 MEANWELL-SCP-800 Datasheet
339Kb / 3P
800W Parallel (N1) With PFC Function
logo
RSG Electronic Componen...
SCP-800 RSG-SCP-800 Datasheet
141Kb / 2P
800W Parallel Type With PFC Function
logo
Mean Well Enterprises C...
SDR-480P MEANWELL-SDR-480P_11 Datasheet
253Kb / 3P
480W Single Output Industrial DIN RAIL with PFC and Parallel Function
logo
COTEK ELECTRONIC IND. C...
AE-800 COTEK-AE-800 Datasheet
2Mb / 6P
800W Programmable Single Output
22/02/16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com