Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCT2-200 Datasheet (PDF) - Metcal

HCT2-200 Datasheet PDF - Metcal
Part # HCT2-200
Download  HCT2-200 Download
File Size   3066.42 Kbytes
Page   2 Pages
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal
Description Digital Hot Air Pencil

HCT2-200 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCT2-200 Datasheet PDF - Metcal

Part # HCT2-200
Download  HCT2-200 Click to download

File Size   3066.42 Kbytes
Page   2 Pages
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal
Description Digital Hot Air Pencil

HCT2-200 Datasheet (HTML) - Metcal


HCT2-200 Product details

Application
The HCT2-200 was developed for very small surface mount component and package sizes (1206’s and smaller) and low board densities. For denser PCBA’s or applications with heavy copper planes, boards > 4 layers, or components larger than 5mm2, use of a Metcal preheater (PCT-100 series) may be necessary.

Features and Benefits
* 200 Watt Ceramic Heater and Dual Stage Air Pump: Provides the power and performance needed to deliver the right amount of thermal energy.
* Digital Airflow & Temperature Controls: Two LED displays provide a graphical and numerical representation of the desired airflow and temperature.
* Fast Response and Performance: A microprocessor controlled, closed loop feedback system provides fast heating, precise and stable temperature control.
* Standby Mode: When the hand-piece is placed into the workstand, the temperature will drop prolonging heater life.
* Replaceable Hand-Piece: The hand-piece has been redesigned to allow removal from front of the machine.
* Ergonomic and Light Weight Hand-Piece: Slim and ergonomic design hand-piece that feels like a pencil, with a rubber grip.
* Easily Change Heaters, Nozzles, and Hand-Pieces: All can be changed in- moments
* Nozzles: Six nozzles (1.5 mm - 4.0 mm) are included in the unit with a nozzle plate holder inside the workstand.




Similar Part No. - HCT2-200

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
HCT2 HELLERMANNTYTON-HCT2 Datasheet
70Kb / 1P
Wire and Cable Markers
logo
NXP Semiconductors
HCT20 PHILIPS-HCT20 Datasheet
34Kb / 6P
Dual 4-input NAND gate
December 1990
logo
PREMO CORPORATION S.L
HCT200-CIRC-OL PREMO-HCT200-CIRC-OL Datasheet
339Kb / 2P
Current Transformers & Sensors
HCT200-REC1-OL PREMO-HCT200-REC1-OL Datasheet
339Kb / 2P
Current Transformers & Sensors
HCT200-REC2-OL PREMO-HCT200-REC2-OL Datasheet
339Kb / 2P
Current Transformers & Sensors
More results


Similar Description - HCT2-200

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
6263 PHILIPS-6263 Datasheet
334Kb / 11P
PENCIL TYPE U.H.F. MEDIUM-MU TRIODE
9.9.1960
logo
ASM GmbH
3246 ASM-SENSOR-3246 Datasheet
322Kb / 2P
PENCIL HiTESTER
logo
List of Unclassifed Man...
HG350ESD ETC2-HG350ESD Datasheet
463Kb / 2P
Precision Hot Air Tool
logo
Analog Devices
ADM1075 AD-ADM1075 Datasheet
745Kb / 52P
??8 V Hot Swap Controller and Digital
REV. A
EVAL-ADM1275EBZ AD-EVAL-ADM1275EBZ Datasheet
741Kb / 48P
Hot-Swap Controller and Digital Power
REV. D
logo
List of Unclassifed Man...
WHA900 ETC2-WHA900 Datasheet
108Kb / 1P
Hot Air Rework Station With Internal Pump, 120V
PES51 ETC2-PES51 Datasheet
95Kb / 1P
50 watt Soldering Pencil for WES51 Soldering Station
logo
SHENZHEN FUMAN ELECTRON...
FM1101 FUMAN-FM1101 Datasheet
152Kb / 3P
Test pencil IC
logo
List of Unclassifed Man...
WESD51 ETC1-WESD51 Datasheet
114Kb / 1P
Digital Soldering Station; Power Unit, Soldering Pencil, Stand, Sponge
logo
SparkFun Electronics
TOL-11130 SPARKFUN-TOL-11130 Datasheet
42Kb / 1P
Hot-air Rework Replacement Element - Temp Controlled
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com