Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA14495 Datasheet (PDF) - Renesas Technology Corp

DA14495 Datasheet PDF - Renesas Technology Corp
Part # DA14495
Download  DA14495 Download
File Size   406.97 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Multi Level Modulation 1.9 GHz DECT SoC

DA14495 Datasheet (PDF)

Go To PDF Page Download Datasheet
DA14495 Datasheet PDF - Renesas Technology Corp

Part # DA14495
Download  DA14495 Click to download

File Size   406.97 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Multi Level Modulation 1.9 GHz DECT SoC

DA14495 Datasheet (HTML) - Renesas Technology Corp


DA14495 Product details

Key Features
▪ Complies with DECT EN 300 175-2,3,8, DECT
6.0, Japanese DECT, and Korean DECT
(1.7 GHz)
▪ Processing power
• 165.888 MHz 32-bit Arm® Cortex®-M0
• 290.304 MHz 32-bit Tensilica LX4/HiFi-3 DSP
• Triple Stereo Hardware Sample Rate
Converter (SRC) supporting 2xPCM, SPDIF, and 6xPDM
• DIP-V2 with DSAA1/2, DSC1/2, AES256, FEC
• Crypto engine supporting AES128/256, ECB
with CBC and CTR modes and HASH-256,
Random Number Generator FIPS140-2 compliant
• 4-ch SYS-DMA, 12-ch DSP-DMA controllers
▪ Development/Debug support
• Arm 2-wire SWD with 8 hardware breakpoints
and 2 watch points
• Arm instruction, DIP and DSP event trace
• DSP debugger with 1 and 5-wire JTAG interfaces
▪ Memories
• Arm Cortex-M0 16 kB instruction/data cache
• 64 kB state retainable shared System RAM
• 256 kB multibank shared DSP-RAM
• 64 B factory programmed OTP with device unique number
▪ Power management
• 1.9 V to 5 V Battery voltage, 1.2 V Core voltage
• On-chip LDOs, 1.8 V, 3.3 V, 1.2 V
• On-chip LDO 1.4 V to prevent battery wear




Similar Part No. - DA14495

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA14195 RENESAS-DA14195 Datasheet
444Kb / 8P
Audio Processor with ARM, HiFi-3, USB, and Power Management
Rev.01.00 June 19, 2024
DA14195-00D01HJ2 RENESAS-DA14195-00D01HJ2 Datasheet
444Kb / 8P
Audio Processor with ARM, HiFi-3, USB, and Power Management
Rev.01.00 June 19, 2024
DA14195-00D01VD2 RENESAS-DA14195-00D01VD2 Datasheet
444Kb / 8P
Audio Processor with ARM, HiFi-3, USB, and Power Management
Rev.01.00 June 19, 2024
DA14195-00D03VD2 RENESAS-DA14195-00D03VD2 Datasheet
444Kb / 8P
Audio Processor with ARM, HiFi-3, USB, and Power Management
Rev.01.00 June 19, 2024
DA14195-00HJ2 RENESAS-DA14195-00HJ2 Datasheet
444Kb / 8P
Audio Processor with ARM, HiFi-3, USB, and Power Management
Rev.01.00 June 19, 2024
More results


Similar Description - DA14495

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MA1046-1 MITSUBISHI-MA1046-1 Datasheet
26Kb / 1P
For 1.9 GHz - Power Amplifier
logo
National Semiconductor ...
LMX2119 NSC-LMX2119 Datasheet
122Kb / 6P
1.9 GHz Power Amplifier
logo
Tyco Electronics
MAPCGM0001 MACOM-MAPCGM0001 Datasheet
229Kb / 6P
1.0-1.9 GHz Phase Shifter
MAPCGM0001-DIE MACOM-MAPCGM0001-DIE Datasheet
257Kb / 5P
Phase Shifter 1.0-1.9 GHz
logo
NEC
UPC8119T NEC-UPC8119T_02 Datasheet
40Kb / 3P
1.9 GHz AGC AMPLIFIER
logo
Johanson Technology Inc...
1906BP18A027 JOHANSON-1906BP18A027 Datasheet
107Kb / 2P
1.9 GHz Band Pass Filter
1900HP41C0500 JOHANSON-1900HP41C0500 Datasheet
118Kb / 2P
1.9 GHz High Pass Filter
logo
Axiomtek Co., Ltd.
EBOX560-880-FL AXIOMTEK-EBOX560-880-FL Datasheet
133Kb / 1P
4th Generation Intel Celeron 2980U 1.6 GHz / Core i5 4300U 1.9 GHz Haswell ULT SoC
logo
Pulse A Technitrol Comp...
W3022 PULSE-W3022 Datasheet
1Mb / 3P
1.88-1.93 GHz DECT Ceramic Antenna
logo
Johanson Technology Inc...
1900HP41B0500 JOHANSON-1900HP41B0500 Datasheet
214Kb / 2P
1.9 GHz High Pass Filter
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com