Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA14195 Datasheet (PDF) - Renesas Technology Corp

DA14195 Datasheet PDF - Renesas Technology Corp
Part # DA14195
Download  DA14195 Download
File Size   444.73 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Audio Processor with ARM, HiFi-3, USB, and Power Management

DA14195 Datasheet (PDF)

Go To PDF Page Download Datasheet
DA14195 Datasheet PDF - Renesas Technology Corp

Part # DA14195
Download  DA14195 Click to download

File Size   444.73 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Audio Processor with ARM, HiFi-3, USB, and Power Management

DA14195 Datasheet (HTML) - Renesas Technology Corp


DA14195 Product details

▪ Processing power
• 32 kHz up to 165.888 MHz 32-bit Arm®
Cortex®-M0 with 8 kB I/D 4-way associative cache
• 290.304 MHz 32 bits Tensilica LX4/HiFi-3 DSP
• 3 Stereo Hardware Sample Rate converter
• 4 ch SYS-DMA, 12 ch DSP-DMA controllers
• Crypto engine supporting AES128/256, ECB
with CBC and CTR modes and HASH-256 with
Random Number Generator, FIPS140-2 compliant
▪ Development/Debug support
• Arm 2-wire SWD with 8 hardware breakpoints
and 2 watch points
• Arm instruction and DSP event trace
• DSP debugger with 1 and 5-wire JTAG
interfaces
▪ Memories
• 64 kB shared System RAM
• 256 kB multi bank shared DSP-RAM
• 32 Byte OTP with factory programmed
timestamp
▪ Power management
• 1.9 to 5 V Battery voltage, 1.2 V Core voltage
• Integrated DCDC step-down converter to 1.4 V
• 4 Independent VDDIO pin groups 1.8 V to 3.45 V
• Integrated Battery Charging circuit for Li-Ion/Li-
Po with NTC protection circuit
▪ Analog interfaces
• 2 input 10-bit ADC
• Integrated Temperature sensor
• Brown-out supply voltage detectors




Similar Part No. - DA14195

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA14495 RENESAS-DA14495 Datasheet
406Kb / 8P
Multi Level Modulation 1.9 GHz DECT SoC
June 19, 2024
DA14495-00D01HP2 RENESAS-DA14495-00D01HP2 Datasheet
406Kb / 8P
Multi Level Modulation 1.9 GHz DECT SoC
June 19, 2024
DA14495-00HP2 RENESAS-DA14495-00HP2 Datasheet
406Kb / 8P
Multi Level Modulation 1.9 GHz DECT SoC
June 19, 2024
DA14495-00R01HP2 RENESAS-DA14495-00R01HP2 Datasheet
406Kb / 8P
Multi Level Modulation 1.9 GHz DECT SoC
June 19, 2024
DA14495-00S01HP2 RENESAS-DA14495-00S01HP2 Datasheet
406Kb / 8P
Multi Level Modulation 1.9 GHz DECT SoC
June 19, 2024
More results


Similar Description - DA14195

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN3672NFBP PANASONIC-AN3672NFBP Datasheet
229Kb / 29P
Audio signal processor IC for HiFi VCR incorporating EIAJ sound multiplex system
logo
NXP Semiconductors
TDA9860 PHILIPS-TDA9860 Datasheet
124Kb / 18P
Universal HiFi audio processor for TV
July 1994
TDA9861 PHILIPS-TDA9861 Datasheet
108Kb / 18P
Universal HiFi audio processor for TV
June 1994
logo
Freescale Semiconductor...
MC13783 FREESCALE-MC13783 Datasheet
610Kb / 50P
Power Management and Audio Circuit
MC13783 FREESCALE-MC13783_09 Datasheet
3Mb / 50P
Power Management and Audio Circuit
logo
Texas Instruments
TPS65921 TI1-TPS65921 Datasheet
682Kb / 58P
Power Management and USB Single Chip
logo
Wolfson Microelectronic...
WM8321 WOLFSON-WM8321 Datasheet
1Mb / 253P
Processor Power Management Subsystem
logo
Freescale Semiconductor...
MC13783VK FREESCALE-MC13783VK Datasheet
3Mb / 50P
Power Management and Audio Circuit
MC13783VKR2 FREESCALE-MC13783VKR2 Datasheet
3Mb / 50P
Power Management and Audio Circuit
logo
Hammond Manufacturing L...
CGUIDE HAMMOND-CGUIDE Datasheet
99Kb / 1P
Cable Management Arm
1/13/2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com