Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCT8 Datasheet (PDF) - Bourns Electronic Solutions

HCT8 Datasheet PDF - Bourns Electronic Solutions
Part # HCT8
Download  HCT8 Download
File Size   796.63 Kbytes
Page   4 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description HCT8 Series High Clearance and Creepage Transformer

HCT8 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCT8 Datasheet PDF - Bourns Electronic Solutions

Part # HCT8
Download  HCT8 Click to download

File Size   796.63 Kbytes
Page   4 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description HCT8 Series High Clearance and Creepage Transformer

HCT8 Datasheet (HTML) - Bourns Electronic Solutions


HCT8 Product details

Features
n Full automation and compact size
n High voltage isolation
n Reinforced insulation for working voltage
of 800 V
n Basic insulation for working voltage of
1000 V
n Creepage distance >8.0 mm
n Clearance distance >8.0 mm
n Overvoltage Category II, Pollution Degree
2, up to 2 km above sea level
n AEC-Q200 compliant
n RoHS* and REACH Compliant




Similar Part No. - HCT8

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HCT801 TTELEC-HCT801 Datasheet
249Kb / 3P
Dual Enhancement Mode MOSFET
HCT801TX TTELEC-HCT801TX Datasheet
249Kb / 3P
Dual Enhancement Mode MOSFET
HCT801TXV TTELEC-HCT801TXV Datasheet
249Kb / 3P
Dual Enhancement Mode MOSFET
logo
OPTEK Technologies
HCT802 OPTEK-HCT802 Datasheet
233Kb / 2P
Dual En hance ment Mode MOSFET
logo
TT Electronics.
HCT802 TTELEC-HCT802 Datasheet
249Kb / 3P
Dual Enhancement Mode MOSFET
More results


Similar Description - HCT8

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACNV260E AVAGO-ACNV260E Datasheet
147Kb / 10P
2mm DTI, 10MBd Digital Optocoupler 13mm creepage and clearance
logo
Asahi Kasei Microsystem...
CZ-3700 AKM-CZ-3700 Datasheet
916Kb / 16P
Clearance/Creepage 8mm 60Arms Accurate Coreless Current Sensor
CZ-3701 AKM-CZ-3701 Datasheet
916Kb / 16P
Clearance/Creepage 8mm 60Arms Accurate Coreless Current Sensor
CZ-3706 AKM-CZ-3706 Datasheet
916Kb / 16P
Clearance/Creepage 8mm 60Arms Accurate Coreless Current Sensor
CZ-3A07 AKM-CZ-3A07 Datasheet
1Mb / 21P
Clearance/Creepage 8mm 3.3V Output Accurate Coreless Current Sensor
CZ-3AG1 AKM-CZ-3AG1 Datasheet
1Mb / 21P
Clearance/Creepage 8mm 3V Output Accurate Coreless Current Sensor
logo
Bourns Electronic Solut...
HCTSM100304FL BOURNS-HCTSM100304FL Datasheet
433Kb / 3P
HCTSM100304FL High Clearance and Creepage Distance Transformer
REV. 05/22
HCTSM150102HL BOURNS-HCTSM150102HL Datasheet
768Kb / 4P
HCTSM150102HL High Clearance and Creepage Distance Transformer
REV. 07/22
HCTSM8 BOURNS-HCTSM8 Datasheet
786Kb / 5P
HCTSM8 Series - High Clearance and Creepage Distance Transformers
REV. 05/22
logo
Asahi Kasei Microsystem...
CZ-3701 AKM-CZ-3701_V01 Datasheet
1Mb / 17P
Clearance/Creepage 8mm 60Arms Accurate Coreless Current Sensor
2021/11
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com