Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA1-4902/883 Datasheet (PDF) - Renesas Technology Corp

HA1-4902/883 Datasheet PDF - Renesas Technology Corp
Part # HA1-4902/883
Download  HA1-4902/883 Download
File Size   816.82 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Precision Quad Comparator

HA1-4902/883 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA1-4902/883 Datasheet PDF - Renesas Technology Corp

Part # HA1-4902/883
Download  HA1-4902/883 Click to download

File Size   816.82 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Precision Quad Comparator

HA1-4902/883 Datasheet (HTML) - Renesas Technology Corp


HA1-4902/883 Product details

Features
• This circuit is processed in accordance to MIL-STD-883 and
is fully conformant under the provisions of Paragraph 1.2.1
• Fast Response Time (+25°C)
- Maximum . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 215ns
- Typical . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 180ns
• Low Offset Voltage (+25°C)
- Maximum . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.0mV
- Typical . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.0mV
• Low Input Sensitivity
- Maximum . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5mV
- Typical . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.05mV
• Low Offset Current (+25°C)
- Maximum . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35nA
- Typical . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10nA
• Single or Dual Voltage Supply Operation
• Selectable Output Logic Levels
• Active Pull-Up/Pull-Down Output Circuit. No External
Resistors Required




Similar Part No. - HA1-4902/883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA1-4902-2 INTERSIL-HA1-4902-2 Datasheet
102Kb / 8P
Precision Quad Comparators
September 1998
HA1-4902-2 INTERSIL-HA1-4902-2 Datasheet
235Kb / 8P
Precision Quad Comparators
October 20, 2005
HA1-4902-2 INTERSIL-HA1-4902-2 Datasheet
232Kb / 10P
Precision Quad Comparators
June 28, 2012
logo
Renesas Technology Corp
HA1-4902-2 RENESAS-HA1-4902-2 Datasheet
578Kb / 10P
Precision Quad Comparators
More results


Similar Description - HA1-4902/883

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51209P MITSUBISHI-M51209P Datasheet
163Kb / 6P
QUAD COMPARATOR
M5234P MITSUBISHI-M5234P Datasheet
94Kb / 3P
QUAD COMPARATOR
logo
Rohm
BA10339 ROHM-BA10339 Datasheet
52Kb / 4P
Quad comparator
logo
Analog Devices
CMP04 AD-CMP04 Datasheet
275Kb / 8P
Quad Low Power, Precision Comparator
3/03-Data Sheet changed from REV. C to REV. D.
logo
Fairchild Semiconductor
KA239 FAIRCHILD-KA239 Datasheet
86Kb / 8P
Quad Comparator
LM2901 FAIRCHILD-LM2901 Datasheet
86Kb / 8P
Quad Comparator
logo
Advanced Linear Devices
ALD4303 ALD-ALD4303 Datasheet
59Kb / 6P
QUAD PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
logo
National Semiconductor ...
MM54C909 NSC-MM54C909 Datasheet
322Kb / 5P
QUAD COMPARATOR
logo
Advanced Linear Devices
ALD4303 ALD-ALD4303_10 Datasheet
86Kb / 9P
QUAD PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
logo
Analog Devices
CMP04 AD-CMP04_15 Datasheet
285Kb / 8P
Quad Low Power, Precision Comparator
REV. D
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com