Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMP04 Datasheet (PDF) - Analog Devices

CMP04 Datasheet PDF - Analog Devices
Part # CMP04
Download  CMP04 Download
File Size   275.8 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad Low Power, Precision Comparator

CMP04 Datasheet (PDF)

Go To PDF Page Download Datasheet
CMP04 Datasheet PDF - Analog Devices

Part # CMP04
Download  CMP04 Click to download

File Size   275.8 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad Low Power, Precision Comparator

CMP04 Datasheet (HTML) - Analog Devices


CMP04 Product details

GENERAL DESCRIPTION

Four precision independent comparators comprise the CMP04. Performance highlights include a very low offset voltage, low output saturation voltage, and high gain in a single-supply design. The input voltage range includes ground for single supply operation and V– for split supplies. A low power supply current of 2 mA, which is independent of supply voltage, makes this the preferred comparator for precision applications requiring minimal power consumption. Maximum logic inter face flexibility is offered by the open-collector TTL output.



FEATURES

High Gain: 200 V/mV Typ

Single- or Dual-Supply Operation

Input Voltage Range Includes Ground

Low Power Consumption (1.5 mW/Comparator)

Low Input Bias Current: 100 nA Max

Low Input Offset Current: 10 nA Max

Low Offset Voltage: 1 mV Max

Low Output Saturation Voltage: 250 mV @ 4 mA

Logic Output Compatible with TTL, DTL, ECL, MOS, and CMOS

Directly Replaces LM139/LM239/LM339 Comparators




Similar Part No. - CMP04

ManufacturerPart #DatasheetDescription
logo
FIDELIX
CMP0417AA0-F70I FIDELIX-CMP0417AA0-F70I Datasheet
192Kb / 10P
256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0417AA0-I FIDELIX-CMP0417AA0-I Datasheet
192Kb / 10P
256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0417AA1 FIDELIX-CMP0417AA1 Datasheet
215Kb / 12P
256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0417AA2 FIDELIX-CMP0417AA2 Datasheet
215Kb / 12P
256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0417AA4 FIDELIX-CMP0417AA4 Datasheet
215Kb / 12P
256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
More results


Similar Description - CMP04

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP339 NSC-LP339 Datasheet
228Kb / 11P
Ultra-Low Power Quad Comparator
logo
NEC
UPC339 NEC-UPC339 Datasheet
61Kb / 12P
LOW POWER QUAD COMPARATOR
logo
STMicroelectronics
LM2901 STMICROELECTRONICS-LM2901_06 Datasheet
532Kb / 16P
Low power quad voltage comparator
18-Jul-2006
logo
Texas Instruments
LP2901-Q1 TI-LP2901-Q1 Datasheet
154Kb / 8P
LOW-POWER QUAD DIFFERENTIAL COMPARATOR
logo
STMicroelectronics
LM2901 STMICROELECTRONICS-LM2901_07 Datasheet
547Kb / 13P
Low power quad voltage comparator
19-Dec-2007
logo
Gamma Microelectronics ...
GM339 GAMMA-GM339 Datasheet
125Kb / 7P
LOW POWER QUAD DIFFERENTIAL COMPARATOR
logo
KODENSHI_AUK CORP.
SN339 KODENSHI-SN339 Datasheet
432Kb / 8P
Low Power Quad Comparator
logo
Texas Instruments
LP339 TI1-LP339 Datasheet
274Kb / 14P
Ultra-Low Power Quad Comparator
logo
Analog Devices
CMP04 AD-CMP04_15 Datasheet
285Kb / 8P
Quad Low Power, Precision Comparator
REV. D
logo
Renesas Technology Corp
PC339 RENESAS-PC339_15 Datasheet
236Kb / 13P
LOW POWER QUAD COMPARATOR
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com