Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMP04 Datasheet(PDF) 6 Page - Analog Devices

Part # CMP04
Description  Quad Low Power, Precision Comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

CMP04 Datasheet(HTML) 6 Page - Analog Devices

  CMP04 Datasheet HTML 1Page - Analog Devices CMP04 Datasheet HTML 2Page - Analog Devices CMP04 Datasheet HTML 3Page - Analog Devices CMP04 Datasheet HTML 4Page - Analog Devices CMP04 Datasheet HTML 5Page - Analog Devices CMP04 Datasheet HTML 6Page - Analog Devices CMP04 Datasheet HTML 7Page - Analog Devices CMP04 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
REV. D
CMP04
–6–
+VIN
1/4
CMP04
VO
V+
V+
0
t0
t1
PW
1ms
0.01 F
1M
1M
1N914
1M
1N914
100pF
V+
0
t0
10k
Figure 10. One-Shot Multivibrator
1/4
CMP04
V+
f
39k
1k
A
100k
3k
1k
0.375V
100k
100k
B
C
1 = A • B • C
V+
0
01
Figure 11. AND Gate
+VIN
1/4
CMP04
VO
V+
V+
0
t0
t1
T
T = 0.3ms
1M
100k
4V
0
1S
10M
100pF
1M
560k
1/4
CMP04
10M
15k
240k
62k
100k
Figure 14. One-Shot Multivibrator with Input Lockout
1/4
CMP04
V+
V+
0
t0
t1
t2
15k
D2
1N914
80pF
R2
100k
D1
1N914
R1
1M
1M
1M
1M
V+
FOR LARGE RATIOS OF R1/R2,
D1 CAN BE OMITTED.
Figure 12. Pulse Generator
1/4
CMP04
V+
f
200k
1k
A
100k
V+
0
3k
1k
0.075V
100k
100k
B
C
1 = A + B + C
01
Figure 13. OR Gate



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com