Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMP04 Datasheet(PDF) 5 Page - Analog Devices

Part # CMP04
Description  Quad Low Power, Precision Comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

CMP04 Datasheet(HTML) 5 Page - Analog Devices

  CMP04 Datasheet HTML 1Page - Analog Devices CMP04 Datasheet HTML 2Page - Analog Devices CMP04 Datasheet HTML 3Page - Analog Devices CMP04 Datasheet HTML 4Page - Analog Devices CMP04 Datasheet HTML 5Page - Analog Devices CMP04 Datasheet HTML 6Page - Analog Devices CMP04 Datasheet HTML 7Page - Analog Devices CMP04 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
REV. D
CMP04
–5–
TYPICAL APPLICATIONS
V+
1/4
CMP04
6.2k
VO
STROBE
INPUT
*
*OR LOGIC WITHOUT
PULLUP RESISTOR
Figure 4. Output Strobing
RS
+VREF HIGH
1/4
CMP04
1/4
CMP04
+VREF LOW
2RS
2RS
+VIN
Figure 5. Limit Comparator
10k
+VREF
1/4
CMP04
+VIN
VO
10M
3k
V+
Figure 6. Noninverting Comparator with Hysteresis
1M
V+
1/4
CMP04
+VIN
VO
1M
3k
V+
1M
Figure 7. Inverting Comparator with Hysteresis
100k
V+
1/4
CMP04
VO
100k
4.3k
V+
100k
V+
0
f = 186kHz
75pF
100k
Figure 8. Square Wave Oscillator
1N914
1/4
CMP04
VO
5.1k
V+
100k
VIN1
100k
VIN2
Figure 9. Comparing Input Voltages of Opposite Polarity



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com