Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMP04 Datasheet(PDF) 4 Page - Analog Devices

Part # CMP04
Description  Quad Low Power, Precision Comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

CMP04 Datasheet(HTML) 4 Page - Analog Devices

  CMP04 Datasheet HTML 1Page - Analog Devices CMP04 Datasheet HTML 2Page - Analog Devices CMP04 Datasheet HTML 3Page - Analog Devices CMP04 Datasheet HTML 4Page - Analog Devices CMP04 Datasheet HTML 5Page - Analog Devices CMP04 Datasheet HTML 6Page - Analog Devices CMP04 Datasheet HTML 7Page - Analog Devices CMP04 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
REV. D
–4–
CMP04–Typical Performance Characteristics
TEMPERATURE ( C)
0.3
–40
0
0.2
0.1
0
–0.1
–0.2
–0.3
–20
20
40
60
80 100 120 140
–60
TPC 1. Offset Voltage vs.
Temperature
TEMPERATURE ( C)
160
–40
0
110
100
90
80
70
60
–20
20
40
60
80 100 120 140
–60
150
140
130
120
TPC 4. Voltage Gain vs.
Temperature
V+ – SUPPLY VOLTAGE (VDC)
80
515
60
40
20
0
10
20
25
30
35
40
0
TA= 0 C
TA= +25 C/70 C
TPC 2. Input Bias Current vs. V+
and Temperature
SUPPLY VOLTAGE (VDC)
1.1
515
0.9
0.3
0.1
10
20
25
30
35
40
0
TA= 0 C
TA= +25 C
0.5
0.7
TA= +70 C
TPC 5. Supply Current vs. Supply
Voltage
TEMPERATURE ( C)
3.0
–40
0
2.0
1.0
0
–1.0
–2.0
–3.0
–20
20
40
60
80 100 120 140
–60
TPC 3. Input Offset Current vs.
Temperature
IO – OUTPUT SINK CURRENT (mA)
10
1.0
0.1
0.01
0.001
0.1
1.0
10
100
0.01
TA= +25 C
OUT OF SATURATION
TPC 6. Output Voltage vs. Output
Current and Temperature
TIME ( s)
6.0
5.0
–50
–100
0.5
1.0
1.5
2.0
0
20mV
TA= 25 C
0
4.0
3.0
2.0
1.0
0
100mV
INPUT OVERDRIVE =
5.0mV
VIN
5.1k
VOUT
5V
DC
TPC 7. Response Time for Various Input
Overdrives—Negative Transition
TIME ( s)
6.0
5.0
–50
–100
0.5
1.0
1.5
2.0
0
20mV
TA= 25 C
0
4.0
3.0
2.0
1.0
0
5mV
INPUT OVERDRIVE =
100mV
VIN
5.1k
VOUT
5V
DC
TPC 8. Response Time for Various Input
Overdrives—Positive Transition



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com