Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMP04 Datasheet(PDF) 3 Page - Analog Devices

Part # CMP04
Description  Quad Low Power, Precision Comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

CMP04 Datasheet(HTML) 3 Page - Analog Devices

  CMP04 Datasheet HTML 1Page - Analog Devices CMP04 Datasheet HTML 2Page - Analog Devices CMP04 Datasheet HTML 3Page - Analog Devices CMP04 Datasheet HTML 4Page - Analog Devices CMP04 Datasheet HTML 5Page - Analog Devices CMP04 Datasheet HTML 6Page - Analog Devices CMP04 Datasheet HTML 7Page - Analog Devices CMP04 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
REV. D
–3–
CMP04
CMP04F
1
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Offset Voltage
VOS
RS = 0
Ω, R
L = 5.1 k
Ω
12
mV
VO = 1.4 V
2
12
mV
Input Offset Current
IOS
IIN(+) – IIN(–)
4
20
nA
RL = 5.1 k
Ω
420
nA
VO = 1.4 V
4
20
nA
Input Bias Current
IB
IIN(+) or IIN(–)
40
200
nA
Voltage Gain
AV
RL
≥ 15 kΩ, V+ = 15 V3
70
125
V/mV
Large Signal Response Time
tr
VIN = TTL Logic Swing
300
ns
VREF = 1.4 V
4
300
ns
VRL = 5 V, RL = 5.1 k
Ω
300
ns
Small Signal Response Time
tr
VIN = 100 mV Step
4
1.3
µs
5 mV Overdrive
1.3
µs
VRL = 5 V, RL = 5.1 k
Ω
1.3
µs
Input Voltage Range
CMVR
Note 5
0
V+ – 1.5
V
Common-Mode Rejection Ratio
CMRR
Notes 1, 3
60
100
dB
Power Supply Rejection Ratio
PSRR
V+ = 5 V to 18 V
80
100
dB
Saturation Voltage
VOL
VIN(–)
≥ 1 V, V
IN(+) = 0,
250
700
mV
ISINK
≤ 4 mA
250
700
mV
Output Sink Current
ISINK
VIN(–)
≥ 1 V,
5
16
mA
VIN(+) = 0, VO
≤ 1.5 V
5
16
mA
Output Leakage Current
ILEAK
VIN(+)
≥ 1 V,
0.1
200
nA
VIN(–) = 0, VO = 30 V
0.1
200
nA
Supply Current
I+
RL =
∞, All Comps
1.2
3.0
mA
V+ = 30 V
1.2
3.0
mA
NOTES
1R
L
≥ 15 kΩ, V+ = 15 V, V
CM = 1.5 V to 13.5 V.
2At output switch point, V
O = 1.4 V, RS = 0
Ω with V+ from 5 V; and over the full input common-mode range (0 V to V+ –1.5 V).
3Guaranteed by design.
4Sample tested.
5The input common-mode voltage or input signal voltage should not be allowed to go negative by more than 0.3 V. The upper end of the common-mode
voltage range is V+ – 1.5 V, but either or both inputs can go to +30 V without damage.
Specifications subject to change without notice.
ELECTRICAL CHARACTERISTICS (@ V+ = 5 V, –40 C ≤ T
A
≤ +85 C for CMP04FS, unless otherwise noted.)
3
3.6k
2345
6
17
13
12
11
10
9
14
8
3.6k
4
2
1
CMP04
3.6k
3.6k
ZENER
5.8V TO 6.2V
1 WATT
470k
30V
TO ADJACENT SOCKETS
–18V
+18V
–18V
100k
ONE EACH
PER BOARD
+18V
MIL-STD-883, METHOD 1015, CONDITION B
Figure 3. Burn-In Circuit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com