Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4043BCM Datasheet (PDF) - SYC Electronica

CD4043BCM Datasheet PDF - SYC Electronica
Part # CD4043BCM
Download  CD4043BCM Download
File Size   104.55 Kbytes
Page   6 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description Quad 3-STATE NOR R/S Latches •

CD4043BCM Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4043BCM Datasheet PDF - SYC Electronica

Part # CD4043BCM
Download  CD4043BCM Click to download

File Size   104.55 Kbytes
Page   6 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description Quad 3-STATE NOR R/S Latches •

CD4043BCM Datasheet (HTML) - SYC Electronica


CD4043BCM Product details

Features
n Wide supply voltage range: 3V to 15V
n Low power: 100 nW (typ.)
n High noise immunity: 0.45 VDD (typ.)
n Separate SET and RESET inputs for each latch
n NOR and NAND configuration
n 3-STATE output with common output enable
Applications
Multiple bus storage
Strobed register
Four bits of independent storage with output enable
General digital logic

General Description
The CD4043BC are quad cross-couple 3-STATE CMOS
NOR latches, and the CD4044BC are quad cross-couple 3-
STATE CMOS NAND latches. Each latch has a separate Q
output and individual SET and RESET inputs. There is a
common 3-STATE ENABLE input for all four latches. A
logic “1” on the ENABLE input connects the latch states to
the Q outputs. A logic “0” on the ENABLE input disconnects
the latch states from the Q outputs resulting in an
open circuit condition on the Q output. The 3-STATE feature
allows common bussing of the outputs.




Similar Part No. - CD4043BCM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CD4043BCM FAIRCHILD-CD4043BCM Datasheet
68Kb / 6P
Quad 3-STATE NOR R/S Latches . Quad 3-STATE NAND R/S Latches
More results


Similar Description - CD4043BCM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS279 NSC-54LS279 Datasheet
137Kb / 6P
Quad S-R Latches
logo
STMicroelectronics
HCC4043B STMICROELECTRONICS-HCC4043B Datasheet
302Kb / 13P
QUAD 3-STATE R-S LATCHES
Jun-1989
logo
Texas Instruments
CD4043B TI-CD4043B Datasheet
211Kb / 13P
CMOS QUAD 3-STATE R/S LATCHES
logo
Fairchild Semiconductor
CD4043BC FAIRCHILD-CD4043BC Datasheet
68Kb / 6P
Quad 3-STATE NOR R/S Latches . Quad 3-STATE NAND R/S Latches
logo
Hitachi Semiconductor
HD74HC279 HITACHI-HD74HC279 Datasheet
59Kb / 9P
Quad. S-R Latches
logo
National Semiconductor ...
CD4043BM NSC-CD4043BM Datasheet
136Kb / 6P
Quad TRI-STATE NOR(NAND) R/S Latches
logo
List of Unclassifed Man...
MMC4043 ETC1-MMC4043 Datasheet
440Kb / 3P
QUAD 3-STATE NOR/ NAND R/S LATCHES
logo
Texas Instruments
54LS279 TI1-54LS279 Datasheet
387Kb / 8P
Quad S-R Latches
CD4043B TI1-CD4043B_15 Datasheet
1Mb / 31P
CMOS Quad 3-State R/S Latches
logo
Renesas Technology Corp
CD4043BMS RENESAS-CD4043BMS Datasheet
395Kb / 10P
CMOS Quad 3 State R/S Latches
December 1992
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com