Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RY201 Datasheet (PDF) - Inchange Semiconductor Company Limited

RY201 Datasheet PDF - Inchange Semiconductor Company Limited
Part # RY201
Download  RY201 Download
File Size   282.78 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Silicon PNP Darlington Power Transistor

RY201 Datasheet (PDF)

Go To PDF Page Download Datasheet
RY201 Datasheet PDF - Inchange Semiconductor Company Limited

Part # RY201
Download  RY201 Click to download

File Size   282.78 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Silicon PNP Darlington Power Transistor

RY201 Datasheet (HTML) - Inchange Semiconductor Company Limited


RY201 Product details

DESCRIPTION
·High DC Current Gain-
: hFE = 1000(Min)@ IC= -3A
·Collector-Emitter Sustaining Voltage-
: VCEO(SUS) = -100V(Min)
·Low Collector-Emitter Saturation Voltage-
: VCE(sat) = -2.0V(Max)@ IC= -3A
= -4.0V(Max)@ IC= -5A
APPLICATIONS
·Designed for general-purpose amplifier and low-speed
switching applications




Similar Part No. - RY201

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
RY202 ISC-RY202 Datasheet
280Kb / 2P
Silicon NPN Darlington Power Transistor
More results


Similar Description - RY201

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
2N6285 COMSET-2N6285 Datasheet
80Kb / 3P
PNP DARLINGTON POWER SILICON TRANSISTOR
logo
New Jersey Semi-Conduct...
2SB1568 NJSEMI-2SB1568 Datasheet
71Kb / 2P
Silicon PNP Darlington Power Transistor
2SB1481 NJSEMI-2SB1481 Datasheet
76Kb / 2P
Silicon PNP Darlington Power Transistor
2SB1495 NJSEMI-2SB1495 Datasheet
72Kb / 2P
Silicon PNP Darlington Power Transistor
TIP147T NJSEMI-TIP147T Datasheet
79Kb / 2P
Silicon PNP Darlington Power Transistor
BDW44 NJSEMI-BDW44 Datasheet
137Kb / 2P
Silicon PNP Darlington Power Transistor
BDW24 NJSEMI-BDW24 Datasheet
142Kb / 2P
Silicon PNP Darlington Power Transistor
2SB676 NJSEMI-2SB676 Datasheet
125Kb / 2P
Silicon PNP Darlington Power Transistor
logo
Zibo Seno Electronic En...
MJ11016 ZSELEC-MJ11016 Datasheet
197Kb / 2P
Silicon PNP Darlington Power Transistor
MJ11032 ZSELEC-MJ11032 Datasheet
195Kb / 2P
Silicon PNP Darlington Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com