Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RY201 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # RY201
Description  Silicon PNP Darlington Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

RY201 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  RY201 Datasheet HTML 1Page - Inchange Semiconductor Company Limited RY201 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Silicon PNP Darlington Power Transistor
RY201
www.iscsemi.com
1
DESCRIPTION
·
High DC Current Gain-
: hFE = 1000(Min)@ IC= -3A
·
Collector-Emitter Sustaining Voltage-
: VCEO(SUS) = -100V(Min)
·
Low Collector-Emitter Saturation Voltage-
: VCE(sat) = -2.0V(Max)@ IC= -3A
= -4.0V(Max)@ IC= -5A
APPLICATIONS
·
Designed for general-purpose amplifier and low-speed
switching applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
-100
V
VCEO
Collector-Emitter Voltage
-100
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current-Continuous
-5
A
ICM
Collector Current-Peak
-8
A
IB
Base Current-DC
-120
mA
PC
Collector Power Dissipation
TC=25℃
65
W
Collector Power Dissipation
Ta=25℃
2
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.92
℃
/W


Similar Part No. - RY201

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
RY202 ISC-RY202 Datasheet
280Kb / 2P
Silicon NPN Darlington Power Transistor
More results

Similar Description - RY201

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
2N6285 COMSET-2N6285 Datasheet
80Kb / 3P
PNP DARLINGTON POWER SILICON TRANSISTOR
logo
New Jersey Semi-Conduct...
2SB1568 NJSEMI-2SB1568 Datasheet
71Kb / 2P
Silicon PNP Darlington Power Transistor
2SB1481 NJSEMI-2SB1481 Datasheet
76Kb / 2P
Silicon PNP Darlington Power Transistor
2SB1495 NJSEMI-2SB1495 Datasheet
72Kb / 2P
Silicon PNP Darlington Power Transistor
TIP147T NJSEMI-TIP147T Datasheet
79Kb / 2P
Silicon PNP Darlington Power Transistor
BDW44 NJSEMI-BDW44 Datasheet
137Kb / 2P
Silicon PNP Darlington Power Transistor
BDW24 NJSEMI-BDW24 Datasheet
142Kb / 2P
Silicon PNP Darlington Power Transistor
2SB676 NJSEMI-2SB676 Datasheet
125Kb / 2P
Silicon PNP Darlington Power Transistor
logo
Zibo Seno Electronic En...
MJ11016 ZSELEC-MJ11016 Datasheet
197Kb / 2P
Silicon PNP Darlington Power Transistor
MJ11032 ZSELEC-MJ11032 Datasheet
195Kb / 2P
Silicon PNP Darlington Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com