Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375VGI6QXXX Datasheet (PDF) - STMicroelectronics

STM32U375VGI6QXXX Datasheet PDF - STMicroelectronics
Part # STM32U375VGI6QXXX
Download  STM32U375VGI6QXXX Download
File Size   13966.14 Kbytes
Page   222 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS

STM32U375VGI6QXXX Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32U375VGI6QXXX Datasheet PDF - STMicroelectronics

Part # STM32U375VGI6QXXX
Download  STM32U375VGI6QXXX Click to download

File Size   13966.14 Kbytes
Page   222 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS

STM32U375VGI6QXXX Datasheet (HTML) - STMicroelectronics


STM32U375VGI6QXXX Product details

Features
■ Includes ST state-of-the-art patented technology.
■ Ultra-low-power
■ 1.71 V to 3.6 V power supply
■ -40 °C to +105 °C temperature range
■ VBAT mode: supply for RTC, 32 x 32-bit backup registers
■ 1.6 μA Stop 3 mode with 8-Kbyte SRAM
■ 2.2 μA Stop 3 mode with full SRAM
■ 3.8 μA Stop 2 mode with 8-Kbyte SRAM
■ 4.5 μA Stop 2 mode with full SRAM
■ 9.5 μA/MHz Run mode @ 3.3 V (While(1) SMPS step-down converter mode)
■ 13 μA/MHz Run mode @ 3.3 V/48 MHz (CoreMark® SMPS step-down
■ converter mode)
■ 16 μA/MHz Run mode @ 3.3 V/96 MHz (CoreMark® SMPS step-down
■ converter mode)
■ Brownout reset (BOR) in all modes except shutdown Arm® 32-bit Cortex®-M33 CPU with TrustZone® and FPU
■ ART Accelerator
■ 8-Kbyte instruction cache allowing 0-wait-state execution from flash and external memories: frequency up to 96 MHz, MPU, 144 DMIPS and DSP instructions
■ Power management
■ Embedded regulator (LDO) and SMPS step-down converter supporting switch on-the-fly and voltage scaling
■ Benchmarks
■ 1.5 DMIPS/MHz (Dhrystone 2.1)
■ 387 CoreMark®(4.09 CoreMark®/MHz)
■ 500 ULPMark™-CP
■ 117 ULPMark™-CM
■ 202000 SecureMark™-TLS
■ Memories
■ up to 1-Mbyte flash memory with ECC, 2 banks read-while-write
■ 256 Kbytes of SRAM including 64 Kbytes with hardware parity check
■ OCTOSPI external memory interface supporting SRAM, PSRAM, NOR, NAND, and FRAM memories
■ Security
■ Arm® TrustZone® and securable I/Os, memories, and peripherals LQFP48 (7 × 7 mm) LQFP64 (10 × 10 mm) LQFP100 (14 × 14 mm) UFBGA64 (5 × 5 mm) UFBGA100 (7 × 7 mm) FBGA UFQFPN32 (5 x 5 mm) UFQFPN48 (7 x 7 mm) WLCSP52, WLCSP68 (3.17 x 3.11 mm) Product summary STM32U375xx STM32U375CE, STM32U375CG, STM32U375KE, STM32U375KG, STM32U375RE, STM32U375RG, STM32U375VE, STM32U375VG Product label Ultra-low-power Arm® Cortex®-M33 32-bit MCU+TrustZone®+FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS STM32U375xx Datasheet DS14861 - Rev 2 - February 2025 For further information, contact your local STMicroelectronics sales office.




Similar Part No. - STM32U375VGI6QXXX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32U385CG STMICROELECTRONICS-STM32U385CG Datasheet
13Mb / 224P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS, crypto
28-Feb-2025
STM32U385CGI6GTR STMICROELECTRONICS-STM32U385CGI6GTR Datasheet
13Mb / 224P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS, crypto
28-Feb-2025
STM32U385CGI6GXXX STMICROELECTRONICS-STM32U385CGI6GXXX Datasheet
13Mb / 224P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS, crypto
28-Feb-2025
STM32U385CGI6QTR STMICROELECTRONICS-STM32U385CGI6QTR Datasheet
13Mb / 224P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS, crypto
28-Feb-2025
STM32U385CGI6QXXX STMICROELECTRONICS-STM32U385CGI6QXXX Datasheet
13Mb / 224P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS, crypto
28-Feb-2025
More results


Similar Description - STM32U375VGI6QXXX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32L552CC STMICROELECTRONICS-STM32L552CC_V01 Datasheet
6Mb / 340P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
October 2020 Rev 6
STM32U575XX STMICROELECTRONICS-STM32U575XX Datasheet
6Mb / 329P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
02-Jun-2022
STM32G483XE STMICROELECTRONICS-STM32G483XE Datasheet
2Mb / 230P
Arm® Cortex®-M4 32-bit MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, AES
15-Nov-2021
STM32U535XX STMICROELECTRONICS-STM32U535XX Datasheet
3Mb / 278P
Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
17-Feb-2023
STM32U545XX STMICROELECTRONICS-STM32U545XX Datasheet
3Mb / 283P
Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
17-Feb-2023
STM32U59XXX STMICROELECTRONICS-STM32U59XXX Datasheet
6Mb / 377P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
16-Feb-2023
STM32U5AXXX STMICROELECTRONICS-STM32U5AXXX Datasheet
6Mb / 382P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI, crypto
February 2023 Rev 1
STM32U585XX STMICROELECTRONICS-STM32U585XX Datasheet
6Mb / 340P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM, crypto
27-Mar-2023
logo
NXP Semiconductors
LPC55S3X NXP-LPC55S3X Datasheet
3Mb / 164P
32-bit Arm Cortex®-M33, TrustZone, ELS, PRINCE, PKC, 128 KB SRAM
Rev. 3.2 - 22 September 2023
logo
STMicroelectronics
STM32G431X6 STMICROELECTRONICS-STM32G431X6 Datasheet
2Mb / 198P
Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
22-Oct-2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com