Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TB62705CP Datasheet (PDF) - Toshiba Semiconductor

TB62705CP Datasheet PDF - Toshiba Semiconductor
Part # TB62705CP_06
Download  TB62705CP Download
File Size   621.68 Kbytes
Page   17 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 8-BIT SHIFT REGISTER, LATCHES & CONSTANT-CURRENT DRIVERS

TB62705CP Datasheet (PDF)

Go To PDF Page Download Datasheet
TB62705CP Datasheet PDF - Toshiba Semiconductor

Part # TB62705CP_06
Download  TB62705CP Click to download

File Size   621.68 Kbytes
Page   17 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 8-BIT SHIFT REGISTER, LATCHES & CONSTANT-CURRENT DRIVERS

TB62705CP Datasheet (HTML) - Toshiba Semiconductor


TB62705CP Product details

8-BIT SHIFT REGISTER, LATCHES & CONSTANT-CURRENT DRIVERS

The TB62705CP / CF / CFN are specifically designed for LED and LED DISPLAY constant-current drivers.
These constant-current output circuits can support the set-up of an external resistor (IOUT = 5~90mA).
This IC is a monolithic integrated circuit designed to be used together with Bi-CMOS process.
The devices consist of an 8-bit shift register, latch, AND-GATE and constant-current drivers.

FEATURES
● Constant-current Output : current with one resistor for 5 to 90mA.
● Maximum Clock Frequency : fCLK = 15 (MHz) (Cascade Connecte Operate, Topr = 25°C)
● 5V C−MOS Compatible Input
● Package : DIP16−P−300−2.54A (TB62705CP)
                    SSOP16−P−225−1.00A (TB62705CF)
                    SSOP16−P−225−0.65B (TB62705CFN)
● Constant Output Current Matching:




Similar Part No. - TB62705CP_06

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TB62705CPG MARKTECH-TB62705CPG Datasheet
1,002Kb / 15P
8-BIT SHIFT REGISTER, LATCHES & CONSTANT-CURRENT DRIVERS
logo
Toshiba Semiconductor
TB62705CPG TOSHIBA-TB62705CPG Datasheet
1Mb / 16P
8-BIT SHIFT REGISTER, LATCHES & CONSTANT-CURRENT DRIVERS
TB62705CPG TOSHIBA-TB62705CPG_09 Datasheet
1Mb / 16P
8-BIT SHIFT REGISTER, LATCHES & CONSTANT-CURRENT DRIVERS
More results


Similar Description - TB62705CP_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62705CP TOSHIBA-TB62705CP Datasheet
494Kb / 14P
8BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
TB62706BN TOSHIBA-TB62706BN Datasheet
467Kb / 13P
16BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
16-Feb-1999
TB62710P TOSHIBA-TB62710P Datasheet
401Kb / 10P
8BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT SOURCE DRIVERS
TB62715FN TOSHIBA-TB62715FN Datasheet
424Kb / 11P
8 BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
TB62716F TOSHIBA-TB62716F Datasheet
455Kb / 12P
16 BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
logo
Marktech Corporate
TB62705CPG MARKTECH-TB62705CPG Datasheet
1,002Kb / 15P
8-BIT SHIFT REGISTER, LATCHES & CONSTANT-CURRENT DRIVERS
TB62706BNG MARKTECH-TB62706BNG Datasheet
885Kb / 14P
16BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
logo
Toshiba Semiconductor
TB62706BN TOSHIBA-TB62706BN_06 Datasheet
479Kb / 16P
16BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
logo
Marktech Corporate
TB62706BNG MARKTECH-TB62706BNG_09 Datasheet
1Mb / 15P
16BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
logo
Toshiba Semiconductor
TB62705CPG TOSHIBA-TB62705CPG_09 Datasheet
1Mb / 16P
8-BIT SHIFT REGISTER, LATCHES & CONSTANT-CURRENT DRIVERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com