Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TB62705CP Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TB62705CP
Description  8-BIT SHIFT REGISTER, LATCHES & CONSTANT-CURRENT DRIVERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB62705CP Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TB62705CP_06 Datasheet HTML 1Page - Toshiba Semiconductor TB62705CP_06 Datasheet HTML 2Page - Toshiba Semiconductor TB62705CP_06 Datasheet HTML 3Page - Toshiba Semiconductor TB62705CP_06 Datasheet HTML 4Page - Toshiba Semiconductor TB62705CP_06 Datasheet HTML 5Page - Toshiba Semiconductor TB62705CP_06 Datasheet HTML 6Page - Toshiba Semiconductor TB62705CP_06 Datasheet HTML 7Page - Toshiba Semiconductor TB62705CP_06 Datasheet HTML 8Page - Toshiba Semiconductor TB62705CP_06 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
TB62705CP/CF/CFN
2006-06-13
2
BLOCK DIAGRAM
TIMING DIAGRAM
Note:
Latches are level-sensitive, not rising edge-sensitive, and are not synchronized with the CLOCK signal. The
data will pass through the latch circuit if the latch input is set at “H” level, and will be retained if the input is
set at “L”.
OUTn
OUTn
OUTn
SERIAL-IN
LATCH
CLOCK
OUT0
OUT1
OUT3
SERIAL-OUT
ENABLE
OUT7
5 V
0 V
5 V
0 V
Off
On
0 V
5 V
0 V
5 V
Off
On
Off
On
Off
5 V
0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com