Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS-1115RH Datasheet (PDF) - Renesas Technology Corp

HS-1115RH Datasheet PDF - Renesas Technology Corp
Part # HS-1115RH
Download  HS-1115RH Download
File Size   273.84 Kbytes
Page   5 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened, High Speed, Low Power Output Limiting, Closed-Loop-Buffer Amplifier

HS-1115RH Datasheet (PDF)

Go To PDF Page Download Datasheet
HS-1115RH Datasheet PDF - Renesas Technology Corp

Part # HS-1115RH
Download  HS-1115RH Click to download

File Size   273.84 Kbytes
Page   5 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened, High Speed, Low Power Output Limiting, Closed-Loop-Buffer Amplifier

HS-1115RH Datasheet (HTML) - Renesas Technology Corp


HS-1115RH Product details

• Electrically Screened to SMD 5962-96785
• MIL-PRF-38535 Class V Compliant
• User Programmable Output Voltage Limiting
• User Programmable For Closed-Loop Gains of +1, -1
or +2 Without Use of External Resistors
• Standard Operational Amplifier Pinout
• Fast Overdrive Recovery. . . . . . . . . . . . . . . . <1ns (Typ)
• Low Supply Current . . . . . . . . . . . . . . . . . . 6.9mA (Typ)
• Excellent Gain Accuracy . . . . . . . . . . . . . .0.99V/V (Typ)
• Wide -3dB Bandwidth . . . . . . . . . . . . . . . 225MHz (Typ)
• Fast Slew Rate . . . . . . . . . . . . . . . . . . . . 1135V/μs (Typ)
• High Input Impedance . . . . . . . . . . . . . . . . . . 1MΩ (Typ)
• Excellent Gain Flatness (to 50MHz) . . . . . ±0.1dB (Typ)
• Total Gamma Dose. . . . . . . . . . . . . . . . . . 300K RAD (Si)
• Latch Up . . . . . . . . . . . . . . . . . . . None (DI Technology)
Applications
• Flash A/D Driver
• Video Switching and Routing
• Pulse and Video Amplifiers
• Wideband Amplifiers
• RF/IF Signal Processing
• Imaging Systems




Similar Part No. - HS-1115RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-1115RH INTERSIL-HS-1115RH Datasheet
42Kb / 4P
Radiation Hardened, High Speed, Low Power Output Limiting, Closed-Loop-Buffer Amplifier
1996 08
HS-1115RH INTERSIL-HS-1115RH Datasheet
133Kb / 4P
Radiation Hardened, High Speed, Low Power Output Limiting, Closed-Loop-Buffer Amplifier
HS-1115RH INTERSIL-HS-1115RH_02 Datasheet
133Kb / 4P
Radiation Hardened, High Speed, Low Power Output Limiting, Closed-Loop-Buffer Amplifier
More results


Similar Description - HS-1115RH

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6559 NSC-LMH6559 Datasheet
1Mb / 22P
High-Speed, Closed-Loop Buffer
logo
Intersil Corporation
HFA1115 INTERSIL-HFA1115 Datasheet
159Kb / 14P
225MHz, Low Power, Output Limiting, Closed Loop Buffer Amplifier
September 1998
HS-1115RH INTERSIL-HS-1115RH Datasheet
42Kb / 4P
Radiation Hardened, High Speed, Low Power Output Limiting, Closed-Loop-Buffer Amplifier
1996 08
HS-1135RH INTERSIL-HS-1135RH Datasheet
63Kb / 5P
Radiation Hardened, High Speed, Low Power Current Feedback Amplifier with Programmable Output Limiting
1999 08
HS-1212RH INTERSIL-HS-1212RH Datasheet
107Kb / 9P
Radiation Hardened, Dual, High Speed Low Power, Video Closed Loop Buffer
1999 08
HS-1412RH INTERSIL-HS-1412RH Datasheet
174Kb / 11P
Radiation Hardened, Quad, High Speed, Low Power, Video Closed Loop Buffer
August 1999
HFA1115883 INTERSIL-HFA1115883 Datasheet
537Kb / 5P
High Speed, Low Power, Output Limiting Closed Loop Buffer Amplifier
July 1994
HFA1115 INTERSIL-HFA1115_04 Datasheet
402Kb / 14P
225MHz, Low Power, Output Limiting, Closed Loop Buffer Amplifier
July 2004
HS-1115RH INTERSIL-HS-1115RH_02 Datasheet
133Kb / 4P
Radiation Hardened, High Speed, Low Power Output Limiting, Closed-Loop-Buffer Amplifier
logo
Renesas Technology Corp
HFA1115 RENESAS-HFA1115 Datasheet
408Kb / 14P
225MHz, Low Power, Output Limiting, Closed Loop Buffer Amplifier
July 2004
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com