Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS-139EH Datasheet (PDF) - Renesas Technology Corp

HS-139EH Datasheet PDF - Renesas Technology Corp
Part # HS-139EH
Download  HS-139EH Download
File Size   570.97 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened Quad Voltage Comparator

HS-139EH Datasheet (PDF)

Go To PDF Page Download Datasheet
HS-139EH Datasheet PDF - Renesas Technology Corp

Part # HS-139EH
Download  HS-139EH Click to download

File Size   570.97 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened Quad Voltage Comparator

HS-139EH Datasheet (HTML) - Renesas Technology Corp


HS-139EH Product details

• QML qualified per MIL-PRF-38535 requirements
• Radiation environment
- Latch-up free under any conditions
- Total dose (Max). . . . . . . . . . . . . . . . . . . . . . 3 x 105 RAD(Si)
- SEU LET threshold . . . . . . . . . . . . . . . . . . . 20MeV/cm2/mg
- Low dose rate effects immunity
• 100V output voltage withstand capability
• ESD protection to >3000V
• Differential input voltage range equal to the supply voltage
• Input offset voltage (VIO). . . . . . . . . . . . . . . . . . . . . 2mV (Max)
• Quiescent supply current . . . . . . . . . . . . . . . . . . . . 2mA (Max)
• Pb-Free (RoHS Compliant)




Similar Part No. - HS-139EH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-139EH INTERSIL-HS-139EH Datasheet
181Kb / 3P
Radiation Hardened Quad Voltage Comparator
July 12, 2012
logo
Renesas Technology Corp
HS-139EH RENESAS-HS-139EH Datasheet
515Kb / 6P
Radiation Hardened Quad Voltage Comparator
August 8, 2013
More results


Similar Description - HS-139EH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS521MS INTERSIL-ACS521MS Datasheet
104Kb / 3P
Radiation Hardened 8-Bit Magnitude Comparator
January 1996
HS-139RH-T INTERSIL-HS-139RH-T Datasheet
41Kb / 2P
Radiation Hardened Quad Voltage Comparator
1999 07
HS-139RH INTERSIL-HS-139RH_04 Datasheet
134Kb / 2P
Radiation Hardened Quad Voltage Comparator
December 22, 2004
HCTS85MS INTERSIL-HCTS85MS_02 Datasheet
279Kb / 9P
Radiation Hardened 4-Bit Magnitude Comparator
September 1995
ISL7119RH INTERSIL-ISL7119RH Datasheet
48Kb / 2P
Radiation Hardened High Speed Dual Voltage Comparator
October 8, 2008
HS-139RH INTERSIL-HS-139RH Datasheet
105Kb / 3P
Radiation Hardened Quad Voltage Comparator
May 19, 2009
IS-139ASRH INTERSIL-IS-139ASRH Datasheet
73Kb / 2P
Single Event Radiation Hardened Quad Voltage Comparator
June 18, 2008
HS-139EH INTERSIL-HS-139EH Datasheet
181Kb / 3P
Radiation Hardened Quad Voltage Comparator
July 12, 2012
logo
Renesas Technology Corp
HCTS85MS RENESAS-HCTS85MS Datasheet
497Kb / 9P
Radiation Hardened 4-Bit Magnitude Comparator
September 1995
HS-139RH RENESAS-HS-139RH Datasheet
515Kb / 6P
Radiation Hardened Quad Voltage Comparator
August 8, 2013
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com