Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS-139EH Datasheet (PDF) - Intersil Corporation

HS-139EH Datasheet PDF - Intersil Corporation
Part # HS-139EH
Download  HS-139EH Download
File Size   181.96 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Quad Voltage Comparator

HS-139EH Datasheet (PDF)

Go To PDF Page Download Datasheet
HS-139EH Datasheet PDF - Intersil Corporation

Part # HS-139EH
Download  HS-139EH Click to download

File Size   181.96 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Quad Voltage Comparator

HS-139EH Datasheet (HTML) - Intersil Corporation


HS-139EH Product details

The Radiation Hardened HS-139RH, HS-139EH consists of four independent single or dual supply voltage comparators on a single monolithic substrate. The common mode input voltage range includes ground, even when operated from a single supply and the low supply current makes these comparators suitable for low power applications. These types were designed to directly interface with TTL and CMOS.

Features
• QML Qualified Per MIL-PRF-38535 Requirements
• Radiation Environment
    - Latch-up Free Under any Conditions
    - Total Dose (Max). . . . . . . . . . . . . . . . . . . . . . 3 x 105 RAD(Si)
    - SEU LET Threshold . . . . . . . . . . . . . . . . . . . 20MeV/cm2/mg
    - Low Dose Rate Effects Immunity
• 100V Output Voltage Withstand Capability
• ESD Protection to >3000V
• Differential Input Voltage Range Equal to the Supply Voltage
• Input Offset Voltage (VIO) . . . . . . . . . . . . . . . . . . . . 2mV (Max)
• Quiescent Supply Current . . . . . . . . . . . . . . . . . . . . 2mA (Max)
• Pb-Free (RoHS Compliant)

Applications
• Pulse Generators
• Timing Circuitry
• Level Shifting
• Analog-to-Digital Conversion




Similar Part No. - HS-139EH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HS-139EH RENESAS-HS-139EH Datasheet
515Kb / 6P
Radiation Hardened Quad Voltage Comparator
August 8, 2013
HS-139EH RENESAS-HS-139EH Datasheet
570Kb / 7P
Radiation Hardened Quad Voltage Comparator
May 5, 2025
More results


Similar Description - HS-139EH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS521MS INTERSIL-ACS521MS Datasheet
104Kb / 3P
Radiation Hardened 8-Bit Magnitude Comparator
January 1996
HCTS85MS INTERSIL-HCTS85MS Datasheet
214Kb / 10P
Radiation Hardened 4-Bit Magnitude Comparator
September 1995
HS-139RH-T INTERSIL-HS-139RH-T Datasheet
41Kb / 2P
Radiation Hardened Quad Voltage Comparator
1999 07
HS-139RH INTERSIL-HS-139RH_04 Datasheet
134Kb / 2P
Radiation Hardened Quad Voltage Comparator
December 22, 2004
HCTS85MS INTERSIL-HCTS85MS_02 Datasheet
279Kb / 9P
Radiation Hardened 4-Bit Magnitude Comparator
September 1995
ISL7119RH INTERSIL-ISL7119RH Datasheet
48Kb / 2P
Radiation Hardened High Speed Dual Voltage Comparator
October 8, 2008
HS-139RH INTERSIL-HS-139RH Datasheet
105Kb / 3P
Radiation Hardened Quad Voltage Comparator
May 19, 2009
IS-139ASRH INTERSIL-IS-139ASRH Datasheet
73Kb / 2P
Single Event Radiation Hardened Quad Voltage Comparator
June 18, 2008
logo
Renesas Technology Corp
HCTS85MS RENESAS-HCTS85MS Datasheet
497Kb / 9P
Radiation Hardened 4-Bit Magnitude Comparator
September 1995
HS-139RH RENESAS-HS-139RH Datasheet
515Kb / 6P
Radiation Hardened Quad Voltage Comparator
August 8, 2013
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com