Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS2-3530ARH-Q Datasheet (PDF) - Renesas Technology Corp

HS2-3530ARH-Q Datasheet PDF - Renesas Technology Corp
Part # HS2-3530ARH-Q
Download  HS2-3530ARH-Q Download
File Size   339.35 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened Programmable Low Power Op Amps

HS2-3530ARH-Q Datasheet (PDF)

Go To PDF Page Download Datasheet
HS2-3530ARH-Q Datasheet PDF - Renesas Technology Corp

Part # HS2-3530ARH-Q
Download  HS2-3530ARH-Q Click to download

File Size   339.35 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened Programmable Low Power Op Amps

HS2-3530ARH-Q Datasheet (HTML) - Renesas Technology Corp


HS2-3530ARH-Q Product details

- Single event latch-up . . . . . . . . . Immune (RSG DI Process)
- High dose rate (50-300rad(Si)/s). . . . . . . . . . . 300krad(Si)
- Low dose rate (0.01rad(SI)/s) . . . . . . . . . . . . . . 50krad(Si)
• Wide range AC programming
- Slew rate . . . . . . . . . . . . . . . . . . . . . . . . . . 0.025 to 0.1V/μs
- Gain X bandwidth. . . . . . . . . . . . . . . . . . . 30kHz to 750kHz
• Wide range DC programming
- Power supply range . . . . . . . . . . . . . . . . . . . . ±3.0V to ±15V
• Supply current . . . . . . . . . . . . . . . . . . . . . . . . . 15μA to 150μA
• Output current . . . . . . . . . . . . . . . . . . . . . . . 0.25mA to 2.5mA
• Quiescent power. . . . . . . . . . . . . . . . . . . . . . . . . . 4.8mW (max)
• Dielectrically isolated device islands
• Short-circuit protection
• Full -55°C to +125°C military temperature range




Similar Part No. - HS2-3530ARH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS2-3530ARH-Q INTERSIL-HS2-3530ARH-Q Datasheet
29Kb / 2P
Radiation Hardened Programmable Low Power Op Amp
1999 03
HS2-3530ARH-Q INTERSIL-HS2-3530ARH-Q Datasheet
181Kb / 2P
Radiation Hardened Programmable Low Power Op Amps
More results


Similar Description - HS2-3530ARH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-3530ARH INTERSIL-HS-3530ARH Datasheet
29Kb / 2P
Radiation Hardened Programmable Low Power Op Amp
1999 03
HS-3530RH INTERSIL-HS-3530RH Datasheet
106Kb / 12P
Low Power, Radiation Hardened Programmable Operational Amplifier
1995 08
HS-82C54RH INTERSIL-HS-82C54RH Datasheet
171Kb / 21P
Radiation Hardened CMOS Programmable Interval Timer
August 1995
logo
M.S. Kennedy Corporatio...
MSK106RH MSK-MSK106RH Datasheet
449Kb / 9P
RADIATION HARDENED HIGH POWER OP-AMP
logo
List of Unclassifed Man...
UA776 ETC1-UA776 Datasheet
513Kb / 10P
PROGRAMMABLE SINGLE OP-AMPs
logo
Intersil Corporation
HS-82C54RH INTERSIL-HS-82C54RH_00 Datasheet
203Kb / 17P
Radiation Hardened CMOS Programmable Interval Timer
August 2000
HS-82C55ARH INTERSIL-HS-82C55ARH_00 Datasheet
234Kb / 17P
Radiation Hardened CMOS Programmable Peripheral Interface
August 2000
HS-3530ARH INTERSIL-HS-3530ARH_12 Datasheet
181Kb / 2P
Radiation Hardened Programmable Low Power Op Amps
logo
Anaren Microwave
MSK106RH ANAREN-MSK106RH Datasheet
474Kb / 8P
RADIATION HARDENED HIGH POWER OP-AMP
logo
Renesas Technology Corp
HS-82C54RH RENESAS-HS-82C54RH Datasheet
948Kb / 17P
Radiation Hardened CMOS Programmable Interval Timer
Aug 2000
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com