Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7MPH3245FTG Datasheet (PDF) - Toshiba Semiconductor

TC7MPH3245FTG Datasheet PDF - Toshiba Semiconductor
Part # TC7MPH3245FTG
Download  TC7MPH3245FTG Download
File Size   318.8 Kbytes
Page   22 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Low Voltage/Low Power 4-Bit 횞 2 Dual Supply Bus Transceiver with Bushold

TC7MPH3245FTG Datasheet (PDF)

Go To PDF Page Download Datasheet
TC7MPH3245FTG Datasheet PDF - Toshiba Semiconductor

Part # TC7MPH3245FTG
Download  TC7MPH3245FTG Click to download

File Size   318.8 Kbytes
Page   22 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Low Voltage/Low Power 4-Bit 횞 2 Dual Supply Bus Transceiver with Bushold

TC7MPH3245FTG Datasheet (HTML) - Toshiba Semiconductor


TC7MPH3245FTG Product details

Low Voltage/Low Power 4-Bit × 2 Dual Supply Bus Transceiver with Bushold

The TC7MP3245FTG is a dual supply, advanced high-speed CMOS 8-bit dual supply voltage interface bus transceiver fabricated with silicon gate CMOS technology.
Designed for use as an interface between a 1.2-V, 1.5-V, 1.8-V, or 2.5-V bus and a 1.8-V, 2.5-V or 3.6-V bus in mixed 1.2-V, 1.5-V, 1.8-V or 2.5-V/1.8-V, 2.5-V or 3.6-V supply systems.
The A-port interfaces with the 1.2-V, 1.5-V, 1.8-V or 2.5-V bus, the B-port with the 1.8-V, 2.5-V, 3.3-V bus.
The direction of data transmission is determined by the level of the DIR input. The enable input ( OE ) can be used to disable the device so that the buses are effectively isolated. The bus of a B bus side at floating state is maintained in an appropriate logic level due to a bushold circuit to a B bus. Moreover, the bushold circuit which is added to a B bus is off when OE is low.
All inputs are equipped with protection circuits against static discharge or transient excess voltage.

Features
• Bidirectional interface between 1.2-V and 1.8-V, 1.2-V and 2.5-V, 1.2-V and 3.3-V, 1.5-V and 2.5-V, 1.5-V and 3.3-V, 1.8-V and 2.5-V, 1.8-V and 3.3-V or 2.5-V and 3.3-V buses.
• High-speed operation:
   tpd = 6.8 ns (max) (VCCA = 2.5 ± 0.2 V, VCCB = 3.3 ± 0.3 V)
   tpd = 8.9 ns (max) (VCCA = 1.8 ± 0.15 V, VCCB = 3.3 ± 0.3 V)
   tpd = 10.3 ns (max) (VCCA = 1.5 ± 0.1 V, VCCB = 3.3 ± 0.3 V)
   tpd = 61 ns (max) (VCCA = 1.2 ± 0.1 V, VCCB = 3.3 ± 0.3 V)
   tpd = 9.5 ns (max) (VCCA = 1.8 ± 0.15 V, VCCB = 2.5 ± 0.2 V)
   tpd = 10.8 ns (max) (VCCA = 1.5 ± 0.1 V, VCCB = 2.5 ± 0.2 V)
   tpd = 60 ns (max) (VCCA = 1.2 ± 0.1 V, VCCB = 2.5 ± 0.2 V)
   tpd = 58 ns (max) (VCCA = 1.2 ± 0.1 V, VCCB = 1.5 ± 0.1 V)
• Output current :
   IOH/IOL = ±12 mA (min) (VCC = 3.0 V)
   IOH/IOL = ±9 mA (min) (VCC = 2.3 V)
   IOH/IOL = ±3 mA (min) (VCC = 1.65 V)
   IOH/IOL = ±1 mA (min) (VCC = 1.4 V)
• Latch-up performance: ±300 mA
• ESD performance: Machine model ≥ ±200 V
                                 Human body model ≥ ±2000 V
• Ultra-small package: VQON24
• Bushold circuit is build in only the B bus side. (Only in OE = “H”, a former state is maintained.)
• Low current consumption : Using the new circuit significantly reduces current consumption when OE = “H”.
   Suitable for battery-driven applications such as PDAs and cellular phones.
• Floating A-bus and B-bus are permitted. (when OE = “H”)
• 3.6-V tolerant function provided on A-bus terminal, DIR and OE terminal.




Similar Part No. - TC7MPH3245FTG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MPH3125FK TOSHIBA-TC7MPH3125FK Datasheet
343Kb / 23P
Low Voltage/Low Power 2-Bit 횞 2 Dual Supply Bus Transceiver with Bushold
TC7MPH3125FTG TOSHIBA-TC7MPH3125FTG Datasheet
343Kb / 23P
Low Voltage/Low Power 2-Bit 횞 2 Dual Supply Bus Transceiver with Bushold
More results


Similar Description - TC7MPH3245FTG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCXHR162245FT TOSHIBA-TC74VCXHR162245FT Datasheet
165Kb / 11P
Low-Voltage 16-Bit Bus Transceiver with Bushold
TC7MP3125FK TOSHIBA-TC7MP3125FK Datasheet
332Kb / 23P
Low Voltage/Low Power 2-Bit 횞 2 Dual Supply Bus Transceiver
TC7MP3245FTG TOSHIBA-TC7MP3245FTG Datasheet
294Kb / 22P
Low Voltage/Low Power 4-Bit 횞 2 Dual Supply Bus Transceiver
TC7MPH3125FK TOSHIBA-TC7MPH3125FK Datasheet
343Kb / 23P
Low Voltage/Low Power 2-Bit 횞 2 Dual Supply Bus Transceiver with Bushold
TC7MPN3125FTG TOSHIBA-TC7MPN3125FTG Datasheet
307Kb / 22P
Low Voltage/Low Power 2-Bit 횞 2 Dual Supply Bus Transceiver
TC7MPN3245FTG TOSHIBA-TC7MPN3245FTG Datasheet
294Kb / 22P
Low Voltage/Low Power 4-Bit 횞 2 Dual Supply Bus Transceiver
TC74VCXH16245FT TOSHIBA-TC74VCXH16245FT Datasheet
190Kb / 11P
Low-Voltage 16-Bit Bus Transceiver with Bushold
TC74VCXH16646FT TOSHIBA-TC74VCXH16646FT_07 Datasheet
239Kb / 15P
Low-Voltage 16-Bit Bus Transceiver/Register with Bushold
TC74VCXH16652FT TOSHIBA-TC74VCXH16652FT Datasheet
238Kb / 15P
Low-Voltage 16-Bit Bus Transceiver/Register with Bushold
TC74VCXHR162245FT TOSHIBA-TC74VCXHR162245FT_07 Datasheet
199Kb / 11P
Low-Voltage 16-Bit Bus Transceiver with Bushold
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com