Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7MPN3125FTG Datasheet (PDF) - Toshiba Semiconductor

TC7MPN3125FTG Datasheet PDF - Toshiba Semiconductor
Part # TC7MPN3125FTG
Download  TC7MPN3125FTG Download
File Size   307.23 Kbytes
Page   22 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Low Voltage/Low Power 2-Bit 횞 2 Dual Supply Bus Transceiver

TC7MPN3125FTG Datasheet (PDF)

Go To PDF Page Download Datasheet
TC7MPN3125FTG Datasheet PDF - Toshiba Semiconductor

Part # TC7MPN3125FTG
Download  TC7MPN3125FTG Click to download

File Size   307.23 Kbytes
Page   22 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Low Voltage/Low Power 2-Bit 횞 2 Dual Supply Bus Transceiver

TC7MPN3125FTG Datasheet (HTML) - Toshiba Semiconductor


TC7MPN3125FTG Product details

Low Voltage/Low Power 2-Bit × 2 Dual Supply Bus Transceiver

The TC7MPN3125FTG is a dual supply, advanced high-speed CMOS 4-bit dual supply voltage interface bus transceiver fabricated with silicon gate CMOS technology.

Features
• Bidirectional interface between 1.2-V and 1.8-V, 1.2-V and 2.5-V, 1.2-V and 3.3-V, 1.5-V and 2.5-V, 1.5-V and 3.3-V, 1.8-V and 2.5-V, 1.8-V and 3.3-V or 2.5-V and 3.3-V buses.
• High-speed operation: tpd = 13.7 ns (max) (VCCA = 2.5 ± 0.2 V, VCCB = 3.3 ± 0.3 V)
    tpd = 14.8 ns (max) (VCCA = 1.8 ± 0.15 V, VCCB = 3.3 ± 0.3 V)
    tpd = 16.0 ns (max) (VCCA = 1.5 ± 0.1 V, VCCB = 3.3 ± 0.3 V)
    tpd = 61 ns (max) (VCCA = 1.2 ± 0.1 V, VCCB = 3.3 ± 0.3 V)
    tpd = 18.5 ns (max) (VCCA = 1.8 ± 0.15 V, VCCB = 2.5 ± 0.2 V)
    tpd = 19.7 ns (max) (VCCA = 1.5 ± 0.15 V, VCCB = 2.5 ± 0.2 V)
    tpd = 60 ns (max) (VCCA = 1.2 ± 0.15 V, VCCB = 2.5 ± 0.2 V)
    tpd = 58 ns (max) (VCCA = 1.2 ± 0.1 V, VCCB = 1.8 ± 0.15 V)
• Output current: IOHB/IOLB = ±3 mA (min) (VCCB = 3.0 V)
                           IOHB/IOLB = ±2 mA (min) (VCCB = 2.3 V)
                           IOHB/IOLB = ±0.5 mA (min) (VCCB = 1.65 V)
                           IOHA/IOLA = ±9 mA (min) (VCCA = 2.3 V)
                           IOHA/IOLA = ±3 mA (min) (VCCA = 1.65 V)
                           IOHA/IOLA = ±1 mA (min) (VCCA = 1.4 V)
• Latch-up performance: ±300 mA
• ESD performance: Machine model ≥ ±200 V
                                 Human body model ≥ ±2000 V
• Ultra-small package: VQON16
• Low current consumption: Using the new circuit significantly reduces current consumption when OE = “H”.
                                             Suitable for battery-driven applications such as PDAs and cellular phones.
• Floating A-bus and B-bus are permitted. (when OE = “H”)
    3.6-V tolerant function and power-down protection provided on all inputs and outputs.




Similar Part No. - TC7MPN3125FTG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MPN3125FT TOSHIBA-TC7MPN3125FT Datasheet
377Kb / 34P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-07-07 Rev.6.0
More results


Similar Description - TC7MPN3125FTG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WPN3125FK TOSHIBA-TC7WPN3125FK Datasheet
252Kb / 12P
Digital Integrated Circuit Silicon Monolithic Low Voltage/Low Power 2-Bit Dual Supply Bus Buffer
TC7MPS3125FTG TOSHIBA-TC7MPS3125FTG Datasheet
306Kb / 22P
Low Voltage/Low Power 1 3-Bit Dual Supply Bus Transceiver
TC7MP3125FK TOSHIBA-TC7MP3125FK Datasheet
332Kb / 23P
Low Voltage/Low Power 2-Bit 횞 2 Dual Supply Bus Transceiver
TC7MP3245FTG TOSHIBA-TC7MP3245FTG Datasheet
294Kb / 22P
Low Voltage/Low Power 4-Bit 횞 2 Dual Supply Bus Transceiver
TC7MPH3125FK TOSHIBA-TC7MPH3125FK Datasheet
343Kb / 23P
Low Voltage/Low Power 2-Bit 횞 2 Dual Supply Bus Transceiver with Bushold
TC7MPH3245FTG TOSHIBA-TC7MPH3245FTG Datasheet
318Kb / 22P
Low Voltage/Low Power 4-Bit 횞 2 Dual Supply Bus Transceiver with Bushold
TC7MPN3245FTG TOSHIBA-TC7MPN3245FTG Datasheet
294Kb / 22P
Low Voltage/Low Power 4-Bit 횞 2 Dual Supply Bus Transceiver
TC7WPB9306FC TOSHIBA-TC7WPB9306FC Datasheet
372Kb / 13P
Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
logo
ON Semiconductor
FXLA102 ONSEMI-FXLA102 Datasheet
623Kb / 17P
Low-Voltage Dual-Supply 2-Bit Voltage Translator
October-2017, Rev. 2
logo
Toshiba Semiconductor
TC7MPS3125FK TOSHIBA-TC7MPS3125FK Datasheet
322Kb / 23P
Low Voltage/Low Power 1 3-Bit Dual Supply Bus Transceiver
2011-07-21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com