Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4071-72 Datasheet (PDF) - SYC Electronica

CD4071-72 Datasheet PDF - SYC Electronica
Part # CD4071-72
Download  CD4071-72 Download
File Size   150.87 Kbytes
Page   10 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description CMOS OR Gate

CD4071-72 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4071-72 Datasheet PDF - SYC Electronica

Part # CD4071-72
Download  CD4071-72 Click to download

File Size   150.87 Kbytes
Page   10 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description CMOS OR Gate

CD4071-72 Datasheet (HTML) - SYC Electronica


CD4071-72 Product details

Pinout
Features
• High-Voltage Types (20V Rating)
• CD4071BMS Quad 2-Input OR Gate
• CD4072BMS Dual 4-Input OR Gate
• CD4075BMS Triple 3-Input OR Gate
• Medium Speed Operation:
- tPHL, tPLH = 60ns (typ) at 10V
• 100% Tested for Quiescent Current at 20V
• Maximum Input Current of 1μA at 18V Over Full Package
Temperature Range; 100nA at 18V and +25oC
• Standardized Symmetrical Output Characteristics
• Noise Margin (Over Full Package Temperature Range):
- 1V at VDD = 5V
- 2V at VDD = 10V
- 2.5V at VDD = 15V
• 5V, 10V and 15V Parametric Ratings
• Meets All Requirements of JEDEC Tentative Standard
No. 13B, “Standard Specifications for Description of
‘B’ Series CMOS Devices”
Description
CD4071BMS, CD4072BMS and CD4075BMS OR gates provide
the system designer with direct implementation of the
positive-logic OR function and supplement the existing family
of CMOS gates.
The CD4071BMS, CD4072BMS and CD4075BMS are supplied
in these 14 lead outline packages:
Braze Seal DIP *H4H †H4Q
Frit Seal DIP H1B
Ceramic Flatpack H3W
*CD4071, CD4072 †CD4075 Only




Similar Part No. - CD4071-72

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4071 NSC-CD4071 Datasheet
182Kb / 8P
Quad 2-Input OR, AND Buffered B Series Gate
logo
Texas Instruments
CD4071 TI-CD4071 Datasheet
209Kb / 5P
CMOS OR GATES
logo
Fairchild Semiconductor
CD4071 FAIRCHILD-CD4071 Datasheet
96Kb / 7P
Quad 2-Input OR Buffered B Series Gate . Quad 2-Input AND Buffered B Series Gate
logo
Intersil Corporation
CD4071 INTERSIL-CD4071 Datasheet
114Kb / 10P
CMOS OR Gate
December 1992
logo
List of Unclassifed Man...
CD4071 ETC2-CD4071 Datasheet
2Mb / 31P
SEMICONDUCTORS
More results


Similar Description - CD4071-72

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4030B TI-CD4030B Datasheet
497Kb / 11P
CMOS QUAD EXCLUSIVE-OR GATE
logo
Intersil Corporation
CD4030BMS INTERSIL-CD4030BMS Datasheet
59Kb / 7P
CMOS Quad Exclusive-OR Gate
December 1992
CD4071BMS INTERSIL-CD4071BMS Datasheet
114Kb / 10P
CMOS OR Gate
December 1992
logo
Texas Instruments
CD4030A TI-CD4030A Datasheet
995Kb / 6P
CMOS Quad Excluslve-OR Gate
logo
Unisonic Technologies
UCD4070B UTC-UCD4070B Datasheet
213Kb / 5P
CMOS QUAD EXCLUSIVE-OR GATE
UCD4070B UTC-UCD4070B_15 Datasheet
224Kb / 5P
CMOS QUAD EXCLUSIVE-OR GATE
logo
Texas Instruments
CD4019B TI1-CD4019B_15 Datasheet
938Kb / 16P
CMOS Quad AND/OR Gate
CD4030B TI1-CD4030B_15 Datasheet
1Mb / 16P
CMOS Quad Exclusive - OR Gate
logo
Renesas Technology Corp
CD4030BMS RENESAS-CD4030BMS Datasheet
304Kb / 7P
CMOS Quad Exclusive-OR Gate
December 1992
CD4071BMS RENESAS-CD4071BMS Datasheet
396Kb / 11P
CMOS OR Gate
December 1992
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com